Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD75N3LLH6 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STD75N3LLH6
Szczegółowy opis  N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD75N3LLH6 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button STD75N3LLH6 Datasheet HTML 2Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 3Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 4Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 5Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 6Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 7Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 8Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 9Page - STMicroelectronics STD75N3LLH6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STD/P/U75N3LLH6, STU75N3LLH6-S
6/21
Doc ID 15978 Rev 4
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on resistance
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
280dpc
ID
150
100
50
0
0
2
VDS(V)
4
(A)
1
3
5
200
250
3V
4V
5V
VGS=10V
6V
AM05505v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.98
1.00
1.02
1.06
0.96
1.04
125 150
AM05507v1
RDS(on)
4.15
4.10
4.05
4.00
0
20
ID(A)
(
Ω)
10
30
4.20
4.25
4.30
4.35
515
25
AM05508v1


Podobny numer części - STD75N3LLH6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Visual Communications C...
STD750BLK VCC-STD750BLK Datasheet
67Kb / 1P
   STD
More results

Podobny opis - STD75N3LLH6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD150N3LLH6 STMICROELECTRONICS-STD150N3LLH6 Datasheet
948Kb / 16P
   N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5_09 Datasheet
391Kb / 16P
   N-channel 30 V, 0.0072 廓, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
   N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
   N-channel 30 V, 0.0072 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com