Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDG6322C Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDG6322C
Szczegółowy opis  Dual N & P Channel Digital FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6322C Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDG6322C Datasheet HTML 1Page - Fairchild Semiconductor FDG6322C Datasheet HTML 2Page - Fairchild Semiconductor FDG6322C Datasheet HTML 3Page - Fairchild Semiconductor FDG6322C Datasheet HTML 4Page - Fairchild Semiconductor FDG6322C Datasheet HTML 5Page - Fairchild Semiconductor FDG6322C Datasheet HTML 6Page - Fairchild Semiconductor FDG6322C Datasheet HTML 7Page - Fairchild Semiconductor FDG6322C Datasheet HTML 8Page - Fairchild Semiconductor FDG6322C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FDG6322C Rev.F
Typical Electrical Characteristics: N-Channel
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 5. Transfer Characteristics.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
1.8
T , JUNCTION TEMPERATURE (°C)
J
V
= 4.5V
GS
I = 0.22A
D
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
V
, DRAIN-SOURCE VOLTAGE (V)
V
=4.5V
GS
DS
3.0V
3.5V
0
0.1
0.3
0.4
2.5
3
4
4.5
I
, DRAIN CURRENT (A)
V
= 2.5V
GS
D
5.0V
4.5V
2.7V
4.0V
3.5V
3.0V
1
2
3
4
5
0
4
8
12
16
20
V
,GATE TO SOURCE VOLTAGE (V)
GS
25°C
I = 0.10A
D
T =125°C
A
0.5
1
1.5
2
2.5
3
0
0.05
0.1
0.15
0.2
V
, GATE TO SOURCE VOLTAGE (V)
V
= 5V
DS
GS
T = -55°C
J
125°C
25°C
0
0.2
0.6
0.8
1.2
0.0001
0.01
0.1
V
, BODY DIODE FORWARD VOLTAGE (V)
-55°C
V
= 0V
SD
J
Figure 6
Voltage
tion with Source Current
and Temperature.


Podobny numer części - FDG6322C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
More results

Podobny opis - FDG6322C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com