Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K0900S Arkusz danych(PDF) 3 Page - Littelfuse

Numer części K0900S
Szczegółowy opis  High-voltage lamp ignitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K0900S Arkusz danych(HTML) 3 Page - Littelfuse

  K0900S Datasheet HTML 1Page - Littelfuse K0900S Datasheet HTML 2Page - Littelfuse K0900S Datasheet HTML 3Page - Littelfuse K0900S Datasheet HTML 4Page - Littelfuse K0900S Datasheet HTML 5Page - Littelfuse K0900S Datasheet HTML 6Page - Littelfuse K0900S Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
©2004 Littelfuse, Inc.
E9 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Data Sheets
Sidac
LK
* See Electrical Specification Note (6).
**
RθJA for TO-202 Type 23 and Type 41 is 70 °C/Watt.
*** Mounted on 1 cm2 copper foil surface; two-ounce copper foil
Figure E9.1 Peak Surge Current versus Surge Current Duration
Figure E9.2 Normalized DC Holding Current versus Case/Lead
Temperature
VTM
ITSM
RS
dVq/dt
dv/dt
di/dt
Volts
MAX
(5)
Amps
(8)
k
Volts/µSec
Volts/µSec
Amps/µSec
Package
60 Hz
50 Hz
E
G
F
S
MIN
MIN
MIN
TYP
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
20
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
20
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
20
1500
150
3.3
20
16.7
2
42
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
20
1500
150
3
20
16.7
0.1
20
1500
150
Thermal Resistance (Steady State)
RθJC [RθJA] °C/W (TYPICAL) *
E Package
G Package
F Package
S Package
35 [95]
18 [75]
7 [45] **
30 *** [85]
1.0
10
100
1000
1.0
2.0
4.0
6.0
8.0
10
20
40
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: IT RMS Maximum Rated
Value at Specified Junction Temperature
Notes:
1) Blocking capability may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned
to steady-state rated value.
Surge Current Duration – Full Cycles
100
0
.5
1.0
2.0
1.5
-15
-40
+25
+65
+105
+125
Case Temperature (TC) –
˚C


Podobny numer części - K0900S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teccor Electronics
K0900S TECCOR-K0900S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K0900S1URP LITTELFUSE-K0900S1URP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
K0900S70AP LITTELFUSE-K0900S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K0900S70RP LITTELFUSE-K0900S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
logo
UN Semiconducctor INC
K0900SA UNSEMI-K0900SA Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
More results

Podobny opis - K0900S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
K0900 LEIDITECH-K0900 Datasheet
644Kb / 6P
   High voltage lamp ignitors
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com