Zakładka z wyszukiwarką danych komponentów |
|
K1050S Arkusz danych(PDF) 3 Page - Littelfuse |
|
K1050S Arkusz danych(HTML) 3 Page - Littelfuse |
3 / 7 page ©2004 Littelfuse, Inc. E9 - 3 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 Data Sheets Sidac LK * See Electrical Specification Note (6). ** RθJA for TO-202 Type 23 and Type 41 is 70 °C/Watt. *** Mounted on 1 cm2 copper foil surface; two-ounce copper foil Figure E9.1 Peak Surge Current versus Surge Current Duration Figure E9.2 Normalized DC Holding Current versus Case/Lead Temperature VTM ITSM RS dVq/dt dv/dt di/dt Volts MAX (5) Amps (8) k Ω Volts/µSec Volts/µSec Amps/µSec Package 60 Hz 50 Hz E G F S MIN MIN MIN TYP 1.5 1.5 1.5 20 16.7 0.1 20 1500 150 1.5 1.5 1.5 20 16.7 0.1 20 1500 150 1.5 1.5 1.5 20 16.7 0.1 20 1500 150 1.5 1.5 1.5 20 16.7 0.1 20 1500 150 1.5 1.5 1.5 20 16.7 0.1 20 1500 150 1.5 1.5 1.5 20 16.7 0.1 20 1500 150 1.5 1.5 1.5 20 16.7 0.1 20 1500 150 1.5 1.5 3 1.5 20 16.7 0.1 20 1500 150 1.5 1.5 3 1.5 20 16.7 0.1 20 1500 150 1.5 1.5 3 1.5 20 16.7 0.1 20 1500 150 3.3 20 16.7 2 42 1500 150 1.5 1.5 3 1.5 20 16.7 0.1 20 1500 150 3 20 16.7 0.1 20 1500 150 Thermal Resistance (Steady State) RθJC [RθJA] °C/W (TYPICAL) * E Package G Package F Package S Package 35 [95] 18 [75] 7 [45] ** 30 *** [85] 1.0 10 100 1000 1.0 2.0 4.0 6.0 8.0 10 20 40 SUPPLY FREQUENCY: 60 Hz Sinusoidal LOAD: Resistive RMS ON-STATE CURRENT: IT RMS Maximum Rated Value at Specified Junction Temperature Notes: 1) Blocking capability may be lost during and immediately following surge current interval. 2) Overload may not be repeated until junction temperature has returned to steady-state rated value. Surge Current Duration – Full Cycles 100 0 .5 1.0 2.0 1.5 -15 -40 +25 +65 +105 +125 Case Temperature (TC) – ˚C |
Podobny numer części - K1050S |
|
Podobny opis - K1050S |