Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1825L883B Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1825L883B
Szczegółowy opis  High Speed PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1825L883B Arkusz danych(HTML) 4 Page - Texas Instruments

  UC1825L883B Datasheet HTML 1Page - Texas Instruments UC1825L883B Datasheet HTML 2Page - Texas Instruments UC1825L883B Datasheet HTML 3Page - Texas Instruments UC1825L883B Datasheet HTML 4Page - Texas Instruments UC1825L883B Datasheet HTML 5Page - Texas Instruments UC1825L883B Datasheet HTML 6Page - Texas Instruments UC1825L883B Datasheet HTML 7Page - Texas Instruments UC1825L883B Datasheet HTML 8Page - Texas Instruments UC1825L883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
UC1825
UC2825
UC3825
UC1825
UC3825
PARAMETERS
TEST CONDITIONS
UC2825
MIN
TOP
MAX
MIN
TOP
MAX
UNITS
PWM Comparator Section
Pin 7 Bias Current
VPIN 7 = 0V
-1
-5
-1
-5
µA
Duty Cycle Range
0
80
0
85
%
Pin 3 Zero DC Threshold
VPIN 7 = 0V
1.1
1.25
1.1
1.25
V
Delay to Output*
50
80
50
80
ns
Soft-Start Section
Charge Current
VPIN 8 = 0.5V
3
9
20
3
9
20
µA
Discharge Current
VPIN 8 = 1V
1
1
mA
Current Limit / Shutdown Section
Pin 9 Bias Current
0 < VPIN 9 < 4V
15
10
µA
Current Limit Threshold
0.9
1.0
1.1
0.9
1.0
1.1
V
Shutdown Threshold
1.25
1.40
1.55
1.25
1.40
1.55
V
Delay to Output
50
80
50
80
ns
Output Section
Output Low Level
IOUT = 20mA
0.25
0.40
0.25
0.40
V
IOUT = 200mA
1.2
2.2
1.2
2.2
V
Output High Level
IOUT = -20mA
13.0
13.5
13.0
13.5
V
IOUT = -200mA
12.0
13.0
12.0
13.0
V
Collector Leakage
VC = 30V
100
500
10
500
µA
Rise/Fall Time*
CL = 1nF
30
60
30
60
ns
Under-Voltage Lockout Section
Start Threshold
8.8
9.2
9.6
8.8
9.2
9.6
V
UVLO Hysteresis
0.4
0.8
1.2
0.4
0.8
1.2
V
Supply Current Section
Start Up Current
VCC = 8V
1.1
2.5
1.1
2.5
mA
ICC
VPIN 1, VPIN 7, VPIN 9 = 0V; VPIN 2 = 1V
22
33
22
33
mA
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for , RT = 3.65k, CT = 1nF, VCC
= 15V, -55
°C<TA<125°C for the UC1825, –40°C<TA<85°C for the UC2825, and 0°C<TA<70°C for the UC3825, TA=TJ.


Podobny numer części - UC1825L883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1825L883B TI-UC1825L883B Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825L883B TI-UC1825L883B Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC1825L883B TI1-UC1825L883B Datasheet
910Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results

Podobny opis - UC1825L883B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com