Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9944 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9944
Szczegółowy opis  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9944 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9944 Datasheet HTML 6Page - Analog Devices AD9944 Datasheet HTML 7Page - Analog Devices AD9944 Datasheet HTML 8Page - Analog Devices AD9944 Datasheet HTML 9Page - Analog Devices AD9944 Datasheet HTML 10Page - Analog Devices AD9944 Datasheet HTML 11Page - Analog Devices AD9944 Datasheet HTML 12Page - Analog Devices AD9944 Datasheet HTML 13Page - Analog Devices AD9944 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD9943/AD9944
Rev. B | Page 10 of 20
TERMINOLOGY
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Therefore
every code must have a finite width. No missing codes
guaranteed to 10-bit resolution indicates that all 1024 codes,
respectively, must be present over all operating conditions.
Peak Nonlinearity
Peak nonlinearity, a full-signal chain specification, refers to the
peak deviation of the output of the AD9943/AD9944 from a
true straight line. The point used as zero scale occurs 1/2 LSB
before the first code transition. Positive full scale is defined as a
level 1 1/2 LSB beyond the last code transition. The deviation is
measured from the middle of each particular output code to the
true straight line. The error is then expressed as a percentage of
the 2 V ADC full-scale signal. The input signal is always
appropriately gained up to fill the ADC’s full-scale range.
Total Output Noise
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated
in LSB and represents the rms noise level of the total signal
chain at the specified gain setting. The output noise can be
converted to an equivalent voltage, using the relationship
()
codes
Scale
Full
ADC
N
2
LSB
1
=
where N is the bit resolution of the ADC. For example, 1 LSB of
the AD9943 is 1.95 mV.
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply
pins. This represents a very high frequency disturbance on the
AD9943/AD9944’s power supply. The PSR specification is
calculated from the change in the data outputs for a given
step change in the supply voltage.
Internal Delay for SHP/SHD
The internal delay (also called aperture delay) is the time delay
that occurs from the time a sampling edge is applied to the
AD9943/AD9944 until the actual sample of the input signal is
held. Both SHP and SHD sample the input signal during the
transition from low to high, so the internal delay is measured
from each clock’s rising edge to the instant the actual internal
sample is taken.


Podobny numer części - AD9944

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9944KCPZ AD-AD9944KCPZ Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944KCPZRL AD-AD9944KCPZRL Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results

Podobny opis - AD9944

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9945 AD-AD9945 Datasheet
222Kb / 16P
   Complete 12-Bit 40 MHz CCD Signal Processor
REV. A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
   COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com