Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1240ECH Arkusz danych(PDF) 4 Page - Microchip Technology

Numer części TC1240ECH
Szczegółowy opis  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240ECH Arkusz danych(HTML) 4 Page - Microchip Technology

  TC1240ECH Datasheet HTML 1Page - Microchip Technology TC1240ECH Datasheet HTML 2Page - Microchip Technology TC1240ECH Datasheet HTML 3Page - Microchip Technology TC1240ECH Datasheet HTML 4Page - Microchip Technology TC1240ECH Datasheet HTML 5Page - Microchip Technology TC1240ECH Datasheet HTML 6Page - Microchip Technology TC1240ECH Datasheet HTML 7Page - Microchip Technology TC1240ECH Datasheet HTML 8Page - Microchip Technology TC1240ECH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1240/TC1240A
DS21516D-page 4
 2001-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, typical values apply at TA = +25°C.
FIGURE 2-1:
Supply Current vs. Supply
Voltage (No Load).
FIGURE 2-2:
Output Source Resistance
vs. Supply Voltage (with RLOAD = 1 k)
FIGURE 2-3:
Output Voltage Drop vs.
Load Current.
FIGURE 2-4:
Supply Current vs.
Temperature (No Load).
FIGURE 2-5:
Output Source Resistance
vs. Temperature (with RLOAD = 1 k
FIGURE 2-6:
Power Efficiency vs. Load
Current.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
700
600
500
400
300
200
100
0
2.00
3.00
4.00
5.00
6.00
SUPPLY VOLTAGE (V)
2.00
3.00
4.00
5.00
6.00
SUPPLY VOLTAGE (V)
20
15
10
5
0
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
5
10
15
20
25
30
35
40
45
50
LOAD CURRENT (mA)
VIN = 4.0V
VIN = 2.8V
450
400
350
300
250
200
100
0
150
50
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
V
IN = 4.0V
V
IN = 2.8V
25
20
15
10
5
0
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
V
IN = 2.8V
V
IN = 4.0V
100%
90%
80%
70%
60%
50%
40%
0
5
10
15
20
25
30
35
40
45
50
LOAD CURRENT (mA)
30%
20%
10%
0%
VIN = 2.5V
VIN = 3.5V
VIN = 4.5V


Podobny numer części - TC1240ECH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1240ECH MICROCHIP-TC1240ECH Datasheet
858Kb / 11P
   Positive Doubling Charge Pump with Shutdown in SOT Package
2001
TC1240ECH MICROCHIP-TC1240ECH Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
logo
TelCom Semiconductor, I...
TC1240ECH TELCOM-TC1240ECH Datasheet
531Kb / 9P
   Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Microchip Technology
TC1240ECHTR MICROCHIP-TC1240ECHTR Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
More results

Podobny opis - TC1240ECH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1240A MICROCHIP-TC1240A Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
TC1240 MICROCHIP-TC1240 Datasheet
858Kb / 11P
   Positive Doubling Charge Pump with Shutdown in SOT Package
2001
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
   Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Maxim Integrated Produc...
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com