Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC2014-3.3VCTTR Arkusz danych(PDF) 9 Page - Microchip Technology

Numer części TC2014-3.3VCTTR
Szczegółowy opis  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014-3.3VCTTR Arkusz danych(HTML) 9 Page - Microchip Technology

Back Button TC2014-3.3VCTTR Datasheet HTML 5Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 6Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 7Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 8Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 9Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 10Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 11Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 12Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21662F-page 9
TC2014/2015/2185
3.0
PIN DESCRIPTIONS
The descriptions of the pins are described in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Unregulated Supply Input (VIN)
Connect the unregulated input supply to the VIN pin. If
there is a large distance between the input supply and
the LDO regulator, some input capacitance is neces-
sary for proper operation. A 1 µF capacitor, connected
from VIN to ground, is recommended for most
applications.
3.2
Ground Terminal (GND)
Connect the unregulated input supply ground return to
GND. Also connect one side of the 1 µF typical input
decoupling capacitor close to this pin and one side of
the output capacitor COUT to this pin.
3.3
Shutdown Control Input (SHDN)
The regulator is fully enabled when a logic-high is
applied to SHDN. The regulator enters shutdown when
a logic-low is applied to this input. During shutdown, the
output voltage falls to zero and the supply current is
reduced to 0.5 µA (max).
3.4
Reference Bypass Input (Bypass)
Connecting a low-value ceramic capacitor to Bypass
will further reduce output voltage noise and improve the
Power Supply Ripple Rejection (PSRR) performance
of the LDO. Typical values from 470 pF to 0.01 µF are
suggested. While smaller and larger values can be
used, these affect the speed at which the LDO output
voltage rises when input power is applied. The larger
the bypass capacitor, the slower the output voltage will
rise.
3.5
Regulated Voltage Output (VOUT)
Connect the output load to VOUT of the LDO. Also con-
nect one side of the LDO output de-coupling capacitor
as close as possible to the VOUT pin.
Pin No.
Symbol
Description
1VIN
Unregulated supply input
2
GND
Ground terminal
3
SHDN
Shutdown control input
4
Bypass
Reference bypass input
5VOUT
Regulated voltage output


Podobny numer części - TC2014-3.3VCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC2014-3.3VCTTR MICROCHIP-TC2014-3.3VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2014-3.3VCTTR MICROCHIP-TC2014-3.3VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results

Podobny opis - TC2014-3.3VCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com