Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5253BRUZ10-RL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5253BRUZ10-RL7
Szczegółowy opis  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5253BRUZ10-RL7 Arkusz danych(HTML) 4 Page - Analog Devices

  AD5253BRUZ10-RL7 Datasheet HTML 1Page - Analog Devices AD5253BRUZ10-RL7 Datasheet HTML 2Page - Analog Devices AD5253BRUZ10-RL7 Datasheet HTML 3Page - Analog Devices AD5253BRUZ10-RL7 Datasheet HTML 4Page - Analog Devices AD5253BRUZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5253BRUZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5253BRUZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5253BRUZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5253BRUZ10-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5253/AD5254
Data Sheet
Rev. C | Page 4 of 32
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DIGITAL INPUTS AND OUTPUTS
Input Logic High
V
IH
V
DD = 5 V, VSS = 0 V
2.4
V
V
DD/VSS = +2.7 V/0 V or VDD/VSS = ±2.5 V
2.1
V
Input Logic Low
V
IL
V
DD = 5 V, VSS = 0 V
0.8
V
V
DD/VSS = +2.7 V/0 V or VDD/VSS = ±2.5 V
0.6
V
Output Logic High (SDA)
V
OH
R
PULL-UP = 2.2 kΩ to VDD = 5 V, VSS = 0 V
4.9
V
Output Logic Low (SDA)
V
OL
R
PULL-UP = 2.2 kΩ to VDD = 5 V, VSS = 0 V
0.4
V
WP Leakage Current
I
WP
WP = VDD
8
µA
A0 Leakage Current
I
A0
A0 = GND
3
µA
Input Leakage Current
(Other than WP and A0)
I
I
V
IN = 0 V or VDD
±1
µA
Input Capacitance5
C
I
5
pF
POWER SUPPLIES
Single-Supply Power Range
V
DD
V
SS = 0 V
2.7
5.5
V
Dual-Supply Power Range
V
DD/VSS
±2.25
±2.75
V
Positive Supply Current
I
DD
V
IH = VDD or VIL = GND
5
15
µA
Negative Supply Current
I
SS
V
IH = VDD or VIL = GND, VDD = 2.5 V,
V
SS = –2.5 V
–5
–15
µA
EEMEM Data Storing Mode Current
I
DD_STORE
V
IH = VDD or VIL = GND
35
mA
EEMEM Data Restoring Mode
Current6
I
DD_RESTORE
V
IH = VDD or VIL = GND
2.5
mA
Power Dissipation7
P
DISS
V
IH = VDD = 5 V or VIL = GND
0.075
mW
Power Supply Sensitivity
PSS
ΔV
DD = 5 V ± 10%
−0.025
+0.010
+0.025
%/%
ΔV
DD = 3 V ± 10%
–0.04
+0.02
+0.04
%/%
DYNAMIC CHARACTERISTICS5, 8
Bandwidth –3 dB
BW
R
AB = 1 kΩ
4
MHz
Total Harmonic Distortion
THD
V
A =1 V rms, VB = 0 V, f = 1 kHz
0.05
%
V
W Settling Time
t
S
V
A = VDD, VB = 0 V
0.2
µs
Resistor Noise Voltage
e
N_WB
R
WB = 500 Ω, f = 1 kHz
(thermal noise only)
3
nV/√Hz
Digital Crosstalk
C
T
V
A = VDD, VB = 0 V, measure VW with
adjacent RDAC making full-scale
change
–80
dB
Analog Coupling
C
AT
Signal input at A0 and measure the
output at W1, f = 1 kHz
–72
dB
1 Typical values represent average readings at 25°C and V
DD = 5 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum and minimum resistance wiper positions. R-DNL is the
relative step change from an ideal value measured between successive tap positions. Parts are guaranteed monotonic, except R-DNL of AD5254 1 kΩ version at VDD = 2.7 V,
IW = VDD/R for both VDD = 3 V and VDD = 5 V.
3 INL and DNL are measured at V
W with the RDAC configured as a potentiometer divider similar to a voltage output digital-to-analog converter. VA = VDD and VB = 0 V.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
4 Resistor Terminal A, Terminal B, and Terminal W have no limitations on polarity with respect to each other.
5 Guaranteed by design and not subject to production test.
6 Command 0 NOP should be activated after Command 1 to minimize I
DD_RESTORE current consumption.
7 P
DISS is calculated from IDD × VDD = 5 V.
8 All dynamic characteristics use V
DD = 5 V.


Podobny numer części - AD5253BRUZ10-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5253BRUZ10-RL7 AD-AD5253BRUZ10-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Podobny opis - AD5253BRUZ10-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com