Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5301BRMZ1 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD5301BRMZ1
Szczegółowy opis  2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5301BRMZ1 Arkusz danych(HTML) 5 Page - Analog Devices

  AD5301BRMZ1 Datasheet HTML 1Page - Analog Devices AD5301BRMZ1 Datasheet HTML 2Page - Analog Devices AD5301BRMZ1 Datasheet HTML 3Page - Analog Devices AD5301BRMZ1 Datasheet HTML 4Page - Analog Devices AD5301BRMZ1 Datasheet HTML 5Page - Analog Devices AD5301BRMZ1 Datasheet HTML 6Page - Analog Devices AD5301BRMZ1 Datasheet HTML 7Page - Analog Devices AD5301BRMZ1 Datasheet HTML 8Page - Analog Devices AD5301BRMZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 5 of 24
AC CHARACTERISTICS1
VDD = 2.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
B Version2
Parameter3
Min
Typ
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VDD = 5 V
AD5301
6
8
μs
1/4 scale to 3/4 scale change (0x40 to 0xC0)
AD5311
7
9
μs
1/4 scale to 3/4 scale change (0x100 to 0x300)
AD5321
8
10
μs
1/4 scale to 3/4 scale change (0x400 to 0xC00)
Slew Rate
0.7
V/μs
Major-Code Change Glitch Impulse
12
nV-s
1 LSB change around major carry
Digital Feedthrough
0.3
nV-s
1 See the Terminology section.
2 Temperature range for the B Version is as follows: –40°C to +105°C.
3 Guaranteed by design and characterization, not production tested.
TIMING CHARACTERISTICS1
VDD = 2.5 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Limit at TMIN, TMAX
Parameter2
(B Version)
Unit
Conditions/Comments
fSCL
400
kHz max
SCL clock frequency
t1
2.5
μs min
SCL cycle time
t2
0.6
μs min
tHIGH, SCL high time
t3
1.3
μs min
tLOW, SCL low time
t4
0.6
μs min
tHD,STA, start/repeated start condition hold time
t5
100
ns min
tSU,DAT, data setup time
t63
0.9
μs max
tHD,DAT, data hold time
0
μs min
t7
0.6
μs min
tSU,STA, setup time for repeated start
t8
0.6
μs min
tSU,STO, stop condition setup time
t9
1.3
μs min
tBUF, bus free time between a stop condition and a start condition
t10
300
ns max
tR, rise time of both SCL and SDA when receiving4
0
ns min
May be CMOS driven
t11
250
ns max
tF, fall time of SDA when receiving4
300
ns max
tF, fall time of both SCL and SDA when transmitting4
20 + 0.1Cb5
ns min
Cb
400
pF max
Capacitive load for each bus line
1 See Figure 2.
2 Guaranteed by design and characterization, not production tested.
3 A master device must provide a hold time of at least 300 ns for the SDA signal (refer to the VIH MIN of the SCL signal) in order to bridge the undefined region of SCL’s
falling edge.
4 tR and tF measured between 0.3 VDD and 0.7 VDD.
5 Cb is the total capacitance of one bus line in picofarads.
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
SDA
SCL
t9
t3
t10
t4
t6
t5
t2
t11
t7
t4
t1
t8
Figure 2. 2-Wire Serial Interface Timing Diagram


Podobny numer części - AD5301BRMZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5301BRMZ AD-AD5301BRMZ Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
AD5301BRMZ-REEL7 AD-AD5301BRMZ-REEL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

Podobny opis - AD5301BRMZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com