Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDT434P Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDT434P
Szczegółowy opis  P-Channel 2.5V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT434P Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDT434P Datasheet HTML 1Page - Fairchild Semiconductor FDT434P Datasheet HTML 2Page - Fairchild Semiconductor FDT434P Datasheet HTML 3Page - Fairchild Semiconductor FDT434P Datasheet HTML 4Page - Fairchild Semiconductor FDT434P Datasheet HTML 5Page - Fairchild Semiconductor FDT434P Datasheet HTML 6Page - Fairchild Semiconductor FDT434P Datasheet HTML 7Page - Fairchild Semiconductor FDT434P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDT434P Rev. C1 (W)
Typical Characteristics
01
234
5
0
4
8
12
16
20
-V
, DRAIN- SOURCEVOLTAGE(V)
V
= - 4.5V
GS
- 2.5V
DS
- 2. 0V
-3. 0V
-1. 5V
0
5
10
15
20
0.8
1
1.2
1.4
1.6
1.8
- I , DRAIN CURRENT (A)
V
= -2.5V
GS
D
-4.5V
-3.0V
-4.0V
-3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
V
= - 4.5V
GS
I = - 6 A
D
J








     

25°C
T =125°C
A
I
= -6 A
D
Figure 3. On-Resistance Variation
withTemperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
3
6
9
12
15
-V
, GATE TO SOURCE VOLTAGE (V)
V
= -5V
DS
GS
T = -55°C
J
125°C
25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.001
0.01
0.1
1
15
-V
, BODY DIODE FORWARD VOLTAGE (V)
25°C
-55°C
V
= 0V
GS
SD
T = 125°C
J
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Podobny numer części - FDT434P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
FDT434P-NL VBSEMI-FDT434P-NL Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDT434P FAIRCHILD-FDT434P_11 Datasheet
239Kb / 5P
   P-Channel 2.5V Specified PowerTrench??MOSFET
More results

Podobny opis - FDT434P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com