Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDT458P Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDT458P
Szczegółowy opis  30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT458P Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDT458P Datasheet HTML 1Page - Fairchild Semiconductor FDT458P Datasheet HTML 2Page - Fairchild Semiconductor FDT458P Datasheet HTML 3Page - Fairchild Semiconductor FDT458P Datasheet HTML 4Page - Fairchild Semiconductor FDT458P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
June 2001
©2001 Fairchild Semiconductor Corporation
FDT458P Rev. B(W)
FDT458P
30V P-Channel PowerTrench®
® MOSFET
General Description
This
P-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers, and battery chargers.
These MOSFETs feature faster switching and lower
gate charge than other MOSFETs with comparable
RDS(ON) specifications.
Applications
• Battery chargers
• Motor drives
Features
• 3.4 A, –30 V. RDS(ON) = 130 mΩ @ VGS = 10 V
RDS(ON) = 200 m
Ω @ VGS = 4.5 V
• Fast switching speed
• Low gate charge (2.5 nC typical)
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability in a
widely used surface mount package
G
D
S
D
SOT-223
S
G
D
D
G
D
S
SOT-223*
(J23Z)
S
G
D
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
– 30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous
(Note 1a)
3.4
A
– Pulsed
10
Maximum Power Dissipation
(Note 1a)
3.0
(Note 1b)
1.3
PD
(Note 1c)
1.1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
42
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
12
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
458P
FDT458P
13’’
12mm
2500 units


Podobny numer części - FDT458P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDT457N FAIRCHILD-FDT457N Datasheet
94Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
FDT457N KEXIN-FDT457N Datasheet
176Kb / 4P
   N-Channel MOSFET
logo
Fairchild Semiconductor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Podobny opis - FDT458P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com