Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDT458P Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDT458P
Szczegółowy opis  30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT458P Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDT458P Datasheet HTML 1Page - Fairchild Semiconductor FDT458P Datasheet HTML 2Page - Fairchild Semiconductor FDT458P Datasheet HTML 3Page - Fairchild Semiconductor FDT458P Datasheet HTML 4Page - Fairchild Semiconductor FDT458P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDT458P Rev. B(W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to 25°C
–23
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –24 V, VGS = 0 V
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = –25 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –25 V, VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–1
–1.8
–3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –10 V,
ID = –3.4 A
VGS = –4.5 V,
ID = –2.7 A
VGS=–10 V, ID =–3.4 A, TJ=125
°C
105
157
147
130
200
210
m
ID(on)
On–State Drain Current
VGS = –10 V,
VDS = –5 V
–5
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –3.4 A
3
S
Dynamic Characteristics
Ciss
Input Capacitance
205
pF
Coss
Output Capacitance
55
pF
Crss
Reverse Transfer Capacitance
VDS = –15 V,
V GS = 0 V,
f = 1.0 MHz
26
pF
Switching Characteristics
(Note 2)
td(on)
Turn–On Delay Time
4.5
9
ns
tr
Turn–On Rise Time
12.5
23
ns
td(off)
Turn–Off Delay Time
11
20
ns
tf
Turn–Off Fall Time
VDD = –15 V,
ID = –1 A,
VGS = –10 V,
RGEN = 6
2
4
ns
Qg
Total Gate Charge
2.5
3.5
nC
Qgs
Gate–Source Charge
0.7
nC
Qgd
Gate–Drain Charge
VDS = –15 V,
ID = –3.4 A,
VGS = –10 V
1
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–2.5
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V, IS = –2.5 A
(Note 2)
–0.8
–1.2
V
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJCis guaranteed by design while RθCAis determined by the user's board design.
a) 42°C/W when
mounted on a 1in
2
pad of 2 oz copper
b) 95°C/W when
mounted on a .0066
in
2 pad of 2 oz
copper
c) 110°C/W when mounted on a
minimum pad.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Podobny numer części - FDT458P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDT457N FAIRCHILD-FDT457N Datasheet
94Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
FDT457N KEXIN-FDT457N Datasheet
176Kb / 4P
   N-Channel MOSFET
logo
Fairchild Semiconductor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Podobny opis - FDT458P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com