Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9204 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9204
Szczegółowy opis  10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9204 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9204 Datasheet HTML 7Page - Analog Devices AD9204 Datasheet HTML 8Page - Analog Devices AD9204 Datasheet HTML 9Page - Analog Devices AD9204 Datasheet HTML 10Page - Analog Devices AD9204 Datasheet HTML 11Page - Analog Devices AD9204 Datasheet HTML 12Page - Analog Devices AD9204 Datasheet HTML 13Page - Analog Devices AD9204 Datasheet HTML 14Page - Analog Devices AD9204 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9204
Rev. 0 | Page 11 of 36
Pin No.
Mnemonic
Description
49, 50, 53, 54, 59, 60, 63, 64
AVDD
1.8 V Analog Supply Pins.
51, 52
VIN+A, VIN−A
Channel A Analog Inputs.
55
VREF
Voltage Reference Input/Output.
56
SENSE
Reference Mode Selection.
57
VCM
Analog output voltage at midsupply to set common mode of the analog inputs.
58
RBIAS
Sets Analog Current Bias. Connect to 10 kΩ (1% tolerance) resistor to ground.
61, 62
VIN−B, VIN+B
Channel B Analog Inputs.


Podobny numer części - AD9204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9204-20EBZ AD-AD9204-20EBZ Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9204-40EBZ AD-AD9204-40EBZ Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9204-65EBZ AD-AD9204-65EBZ Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9204-80EBZ AD-AD9204-80EBZ Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9204BCPZ-20 AD-AD9204BCPZ-20 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
More results

Podobny opis - AD9204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com