Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9212ABCPZRL7-65 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD9212ABCPZRL7-65
Szczegółowy opis  Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9212ABCPZRL7-65 Arkusz danych(HTML) 2 Page - Analog Devices

  AD9212ABCPZRL7-65 Datasheet HTML 1Page - Analog Devices AD9212ABCPZRL7-65 Datasheet HTML 2Page - Analog Devices AD9212ABCPZRL7-65 Datasheet HTML 3Page - Analog Devices AD9212ABCPZRL7-65 Datasheet HTML 4Page - Analog Devices AD9212ABCPZRL7-65 Datasheet HTML 5Page - Analog Devices AD9212ABCPZRL7-65 Datasheet HTML 6Page - Analog Devices AD9212ABCPZRL7-65 Datasheet HTML 7Page - Analog Devices AD9212ABCPZRL7-65 Datasheet HTML 8Page - Analog Devices AD9212ABCPZRL7-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
AD9212
Data Sheet
Rev. E | Page 2 of 56
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 3
 
Specifications..................................................................................... 4
 
AC Specifications.......................................................................... 5
 
Digital Specifications ................................................................... 6
 
Switching Specifications .............................................................. 7
 
Timing Diagrams.......................................................................... 8
 
Absolute Maximum Ratings.......................................................... 10
 
Thermal Impedance ................................................................... 10
 
ESD Caution................................................................................ 10
 
Pin Configuration and Function Descriptions........................... 11
 
Equivalent Circuits ......................................................................... 13
 
Typical Performance Characteristics ........................................... 15
 
Theory of Operation ...................................................................... 20
 
Analog Input Considerations.................................................... 20
 
Clock Input Considerations...................................................... 23
 
Serial Port Interface (SPI).............................................................. 31
 
Hardware Interface..................................................................... 31
 
Memory Map .................................................................................. 33
 
Reading the Memory Map Table.............................................. 33
 
Reserved Locations .................................................................... 33
 
Default Values ............................................................................. 33
 
Logic Levels................................................................................. 33
 
Applications Information .............................................................. 36
 
Design Guidelines ...................................................................... 36
 
Evaluation Board ............................................................................ 37
 
Power Supplies ............................................................................ 37
 
Input Signals................................................................................ 37
 
Output Signals ............................................................................ 37
 
Default Operation and Jumper Selection Settings................. 38
 
Alternative Analog Input Drive Configuration...................... 39
 
Outline Dimensions ....................................................................... 56
 
Ordering Guide .......................................................................... 56
 


Podobny numer części - AD9212ABCPZRL7-65

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9212ABCPZRL7-65 AD-AD9212ABCPZRL7-65 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
More results

Podobny opis - AD9212ABCPZRL7-65

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com