Zakładka z wyszukiwarką danych komponentów |
|
AD9204-40EBZ1 Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD9204-40EBZ1 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 36 page 10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter AD9204 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2009 Analog Devices, Inc. All rights reserved. FEATURES 1.8 V analog supply operation 1.8 V to 3.3 V output supply SNR 61.3 dBFS at 9.7 MHz input 61.0 dBFS at 200 MHz input SFDR 75 dBc at 9.7 MHz input 73 dBc at 200 MHz input Low power 30 mW per channel at 20 MSPS 63 mW per channel at 80 MSPS Differential input with 700 MHz bandwidth On-chip voltage reference and sample-and-hold circuit DNL = ±0.11 LSB Serial port control options Scalable analog input: 1 V p-p to 2 V p-p differential Offset binary, gray code, or twos complement data format Optional clock duty cycle stabilizer Integer 1-to-8 input clock divider Built-in selectable digital test pattern generation Energy-saving power-down modes Data clock out with programmable clock and data alignment APPLICATIONS Communications Diversity radio systems Multimode digital receivers GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, TD-SCDMA I/Q demodulation systems Smart antenna systems Battery-powered instruments Handheld scope meters Ultrasound Radar/LIDAR PET/SPECT imaging FUNCTIONAL BLOCK DIAGRAM VIN+A VIN–A VREF SENSE VCM RBIAS VIN–B VIN+B ORA D0A D9A DCOA DRVDD ORB D9B D0B DCOB SDIO GND AVDD SCLK SPI PROGRAMMING DATA PDWN DFS CLK+ CLK– MODE CONTROLS DCS DUTY CYCLE STABILIZER SYNC DIVIDE 1TO 8 OEB CSB REF SELECT ADC ADC AD9204 Figure 1. PRODUCT HIGHLIGHTS 1. The AD9204 operates from a single 1.8 V analog power supply and features a separate digital output driver supply to accommodate 1.8 V to 3.3 V logic families. 2. The patented sample-and-hold circuit maintains excellent performance for input frequencies up to 200 MHz and is designed for low cost, low power, and ease of use. 3. A standard serial port interface supports various product features and functions, such as data output formatting, internal clock divider, power-down, DCO/DATA timing and offset adjustments, and voltage reference modes. 4. The AD9204 is packaged in a 64-lead RoHS compliant LFCSP that is pin compatible with the AD9268 16-bit ADC, the AD9251 and AD9258 14-bit ADCs, and the AD9231 12-bit ADC, enabling a simple migration path between 10-bit and 16-bit converters sampling from 20 MSPS to 125 MSPS. |
Podobny numer części - AD9204-40EBZ1 |
|
Podobny opis - AD9204-40EBZ1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |