Zakładka z wyszukiwarką danych komponentów |
|
AD9215BRUZ-65 Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD9215BRUZ-65 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 36 page AD9215 Data Sheet Rev. B | Page 6 of 36 ABSOLUTE MAXIMUM RATINGS1 Table 5. Mnemonic With Respect to Min Max Unit ELECTRICAL AVDD AGND −0.3 +3.9 V DRVDD DRGND −0.3 +3.9 V AGND DRGND −0.3 +0.3 V AVDD DRVDD −3.9 +3.9 V Digital Outputs DRGND −0.3 DRVDD + 0.3 V CLK, MODE AGND −0.3 AVDD + 0.3 V VIN+, VIN− AGND −0.3 AVDD + 0.3 V VREF AGND −0.3 AVDD + 0.3 V SENSE AGND −0.3 AVDD + 0.3 V REFB, REFT AGND −0.3 AVDD + 0.3 V PDWN AGND −0.3 AVDD + 0.3 V ENVIRONMENTAL2 Operating Temperature Junction Temperature Lead Temperature (10 sec) Storage Temperature −40 +85 °C 150 °C 300 °C −65 +150 °C NOTES 1 Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability. 2 Typical thermal impedances 28-lead TSSOP: θJA = 67.7°C/W, 32-lead LFCSP: θJA = 32.7°C/W; heat sink soldered down to ground plane. EXPLANATION OF TEST LEVELS Test Level I 100% production tested. II 100% production tested at 25°C and sample tested at spec- ified temperatures. III Sample tested only. IV Parameter is guaranteed by design and characterization testing. V Parameter is a typical value only. VI 100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100% production tested at temperature extremes for mili- tary devices. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Podobny numer części - AD9215BRUZ-65 |
|
Podobny opis - AD9215BRUZ-65 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |