Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N_06P00103 Arkusz danych(PDF) 6 Page - AVX Corporation

Numer części N_06P00103
Szczegółowy opis  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVX [AVX Corporation]
Strona internetowa  http://www.avx.com
Logo AVX - AVX Corporation

N_06P00103 Arkusz danych(HTML) 6 Page - AVX Corporation

Back Button N_06P00103 Datasheet HTML 2Page - AVX Corporation N_06P00103 Datasheet HTML 3Page - AVX Corporation N_06P00103 Datasheet HTML 4Page - AVX Corporation N_06P00103 Datasheet HTML 5Page - AVX Corporation N_06P00103 Datasheet HTML 6Page - AVX Corporation N_06P00103 Datasheet HTML 7Page - AVX Corporation N_06P00103 Datasheet HTML 8Page - AVX Corporation N_06P00103 Datasheet HTML 9Page - AVX Corporation N_06P00103 Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5
2.2.5. Voltage – Current curves V (l)
These curves describe the behavior of the voltage drop V
measured across the NTC as the current l through the NTC
is increased.
They describe the state of equilibrium between power
resulting from Joule effect and dissipated power in the
surroundings. (Figure 4)
Figure 4 – Voltage – current curve V (l)
Several zones can be identified:
– low current zone
dissipated energy only produces negligible heating and
the curve V (l) is almost linear.
– non-linear zone
the curve V (l) displays a maximum voltage Vmax for a
current lo.This maximum voltage Vmax and the temper-
ature Tmax reached by the NTC under these conditions
can be determined by using the equations:
P = V2/R =
(T - Tamb)
and
R = Ramb • exp B (1/T - 1/Tamb)
therefore:
Tmax = B/2 -
B2/4 - BTamb ~ Tamb
Vmax =
(Tmax - Tamb ) • Ramb exp
[B(
1 - 1 )]
Tmax Tamb
where
is the dissipation factor and Tamb is the ambi-
ent temperature.
– high current zone
for higher currents, an increase in temperature of the
NTC decreases the resistance and the voltage more
rapidly than the increase of the current. Above a certain
dissipated power, the temperature of the NTC exceeds
the permissible value.
2.2.6. Current – Time curves l(t)
When voltage is applied to a thermistor, a certain amount of
time is necessary to reach the state of equilibrium described
by the V(l) curves.
This is the heating up time of the thermistor which depends
on the voltage and the resistance on one side and the heat
capacity and dissipation on the other.
The curves l(t) are of particular interest in timing applications.
2.2.7. Thermal time constant
When a thermistor is self-heated to a temperature T above
ambient temperature Tamb, and allowed to cool under zero
power resistance, this will show a transient situation.
At any time interval dt, dissipation of the thermistor
( (T – Tamb)dt) generates a temperature decrease –HdT,
resulting in the equation:
1
dT = -
dt
(T - Tamb)H
The solution to this equation for any value of t, measured
from t = 0, is:
n (T - Tamb) = -
t
(To - Tamb)H
We can define a thermal time constant
as:
= H/
expressed in seconds.
Where the time t =
:
(T - Tamb) / (To - Tamb) = exp - 1 = 0.368
expressing that for t = , the thermistor cools to 63.2% of the
temperature difference between the initial To and Tamb (see
Figure 5).
According to IEC 539 our technical data indicates
mea-
sured with To = 85°C, Tamb = 25°C and consequently
T = 47.1°C.
Figure 5 – Temperature – time curve T(t)
2.2.8. Response time
More generally, it is possible to define a response time as the
time the thermistor needs to reach 63.2% of the total
temperature difference when submitted to a change in the
thermal equilibrium (for example from 60°C to 25°C in
silicone oil 47V20 Rhodorsil).
T (
°C)
85
47.1
25
t
t (s)
V
Vmax
Io
I
NTC Thermistors
General Characteristics
(
)
1+Tamb
B


Podobny numer części - N_06P00103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVX Corporation
ND06P00103K AVX-ND06P00103K Datasheet
224Kb / 10P
   NTC Disc Thermistors
More results

Podobny opis - N_06P00103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com