Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1232 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADM1232
Szczegółowy opis  Microprocessor Supervisory Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1232 Arkusz danych(HTML) 3 Page - Analog Devices

  ADM1232_08 Datasheet HTML 1Page - Analog Devices ADM1232_08 Datasheet HTML 2Page - Analog Devices ADM1232_08 Datasheet HTML 3Page - Analog Devices ADM1232_08 Datasheet HTML 4Page - Analog Devices ADM1232_08 Datasheet HTML 5Page - Analog Devices ADM1232_08 Datasheet HTML 6Page - Analog Devices ADM1232_08 Datasheet HTML 7Page - Analog Devices ADM1232_08 Datasheet HTML 8Page - Analog Devices ADM1232_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM1232
Rev. C | Page 3 of
12
SPECIFICATIONS
VCC = full operating range, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE
−40
+85
°C
TA = TMIN to TMAX.
POWER SUPPLY
Voltage
4.5
5.0
5.5
V
Current
20
50
μA
VIL, VIH = CMOS levels.
200
500
μA
VIL, VIH = TTL levels.
STROBE AND PB RESET INPUTS
Input High Level
2.0
VCC + 0.3
V
Input Low Level
−0.3
+0.8
V
INPUT LEAKAGE CURRENT
(STROBE, TOLERANCE)
−1.0
+1.0
μA
TD
1.6
μA
OUTPUT CURRENT
RESET
8
10
mA
VCC is at 4.5 V to 5.5 V.
RESET/RESET
−8
−12
mA
VCC is at 4.5 V to 5.5 V.
OUTPUT VOLTAGE
RESET/RESET
VCC − 0.5
VCC − 0.1
V
When sourcing less than 500 μA, RESET remains within
0.5 V of VCC on power-down until VCC drops below 2.0 V.
When sinking less than 500 μA, RESET remains within
0.5 V of GND on power-down until VCC drops below 2.0 V.
RESET/RESET High Level
0.4
V
RESET/RESET Low Level
2.4
V
1 V OPERATION
RESET Output Voltage
VCC − 0.1
V
When sourcing less than 50 μA.
RESET Output Voltage
0.1
V
When sinking less than 50 μA.
VCC TRIP POINT
5%
4.5
4.62
4.74
V
TOLERANCE = GND.
10%
4.25
4.37
4.49
V
TOLERANCE = VCC.
CAPACITANCE
Input (STROBE, TOLERANCE)
5
pF
TA = 25°C.
Output (RESET, RESET)
7
pF
TA = 25°C.
PB RESET
Time
20
ms
PB RESET must be held low for a minimum of 20 ms to
guarantee a reset.
Delay
1
4
20
ms
RESET ACTIVE TIME
250
610
1000
ms
STROBE
Pulse Width
70
ns
Timeout Period
62.5
150
250
ms
TD = 0 V.
250
600
1000
ms
TD = floating.
500
1200
2000
ms
TD = VCC.
VCC
Fall Time
10
μs
Guaranteed by design.
Rise Time
0
μs
Guaranteed by design.
VCC FAIL DETECT TO RESET
OUTPUT DELAY
RESET and RESET are logically correct.
50
μs
After VCC falls below the set tolerance voltage (see Figure 9).
250
610
1000
ms
After VCC rises above the set tolerance voltage.


Podobny numer części - ADM1232_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1232A AD-ADM1232A Datasheet
86Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232AAN AD-ADM1232AAN Datasheet
86Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232AARM AD-ADM1232AARM Datasheet
86Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232AARN AD-ADM1232AARN Datasheet
86Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232AARW AD-ADM1232AARW Datasheet
86Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
More results

Podobny opis - ADM1232_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com