Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1232ARW-REEL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM1232ARW-REEL
Szczegółowy opis  Microprocessor Supervisory Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1232ARW-REEL Arkusz danych(HTML) 4 Page - Analog Devices

  ADM1232ARW-REEL Datasheet HTML 1Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 2Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 3Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 4Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 5Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 6Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 7Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 8Page - Analog Devices ADM1232ARW-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM1232
Rev. C | Page 4 of
12
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
TA = 25°C unless otherwise noted.
Table 2.
Parameter
Rating
VCC
5.5 V
Logic Inputs
−0.3 V to VCC + 0.3 V
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Power Dissipation
N-81
1000 mW
RW-16, RM-82
900 mW
R-82
900 μW
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead PDIP (N-8)
100
°C/W
16-Lead SOIC_W (RW-16)
73
°C/W
8-Lead MSOP (RM-8)
206
°C/W
8-Lead SOIC_N (R-8)
153
°C/W
ESD CAUTION
1 Derate by 13.5 mW/°C above 25°C.
2 Derate by 12 mW/°C above 25°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Podobny numer części - ADM1232ARW-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1232ARW AD-ADM1232ARW Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
More results

Podobny opis - ADM1232ARW-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com