Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FFA40U60DN Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FFA40U60DN
Szczegółowy opis  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA40U60DN Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FFA40U60DN Datasheet HTML 1Page - Fairchild Semiconductor FFA40U60DN Datasheet HTML 2Page - Fairchild Semiconductor FFA40U60DN Datasheet HTML 3Page - Fairchild Semiconductor FFA40U60DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
C = 25
o
C
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
100
200
300
400
Typical Capacitance
at 0V = 403 pF
Reverse Voltage , V
R
[V]
100
500
0
2
4
6
8
10
12
14
16
I
F = 40A
T
C
= 25
o
C
di/dt [A/
µs]
100
200
300
400
500
600
1E-3
0.01
0.1
1
10
100
1000
T
C = 100
oC
T
C = 25
oC
Reverse Voltage , V
R [V]
100
500
60
70
80
90
100
I
F = 40A
T
C
= 25
oC
di/dt [A/
µs]
60
80
100
120
140
160
0
10
20
30
40
50
60
Case Temperature , T
C [
o
C]


Podobny numer części - FFA40U60DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
FFA40U60DN THINKISEMI-FFA40U60DN Datasheet
3Mb / 3P
   40Ampere,600Volt Planar Polyimide Passivated Ultra Fast Recovery Rectifier
FFA40U60DNTU THINKISEMI-FFA40U60DNTU Datasheet
3Mb / 3P
   40Ampere,600Volt Planar Polyimide Passivated Ultra Fast Recovery Rectifier
logo
Inchange Semiconductor ...
FFA40U60DNTU ISC-FFA40U60DNTU Datasheet
285Kb / 2P
   Fast Recovery Rectifier
More results

Podobny opis - FFA40U60DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A400H-1 KODENSHI-SF3A400H-1 Datasheet
266Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com