Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5270BRMZ-20-RL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5270BRMZ-20-RL7
Szczegółowy opis  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5270BRMZ-20-RL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5270BRMZ-20-RL7 Datasheet HTML 3Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 4Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 5Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 6Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 7Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 8Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 9Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 10Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5270/AD5271
Rev. F | Page 7 of 24
INTERFACE TIMING SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VSS = 0 V; VDD = 2.5 V, VSS = −2.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 7.
Parameter
Limit1
Unit
Test Conditions/Comments
t12
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
15
ns min
SYNC to SCLK falling edge setup time
t5
5
ns min
Data setup time
t6
5
ns min
Data hold time
t7
1
ns min
SCLK falling edge to SYNC rising edge
t83, 4
500
ns min
Minimum SYNC high time
t9
15
ns min
SYNC rising edge to next SCLK fall ignored
t105
450
ns max
SCLK rising edge to SDO valid
tRDAC_R-PERF
2
μs max
RDAC register write command execute time
tRDAC_NORMAL
600
ns max
RDAC register write command execute time
tMEMORY_READ
6
μs max
Memory readback execute time
tMEMORY_PROGRAM
350
ms max
Memory program time
tRESET
0.6
ms max
Reset 50-TP restore time
tPOWER-UP6
2
ms max
Power-on 50-TP restore time
1 All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2 Maximum SCLK frequency is 50 MHz.
3 Refer to tRDAC_R-PER and tRDAC_NORMAL for RDAC register write operations.
4 Refer to t
MEMORY_READ
and tMEMORY_PROGRAM for memory commands operations.
5 RPULL_UP = 2.2 kΩ to VDD with a capacitance load of 168 pF.
6 Maximum time after VDD − VSS is equal to 2.5 V.
Shift Register and Timing Diagrams
DATA BITS
DB9 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL BITS
C0
C1
C2
D9
D8
C3
0
0
Figure 2. Shift Register Content
0
0
C3
C2
D7
D6
D5
D2
D1
D0
SCLK
SDO
DIN
SYNC
t7
t9
t1
t2
t4
t3
t8
t5
t6
Figure 3. Write Timing Diagram (CPOL = 0, CPHA = 1)


Podobny numer części - AD5270BRMZ-20-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
   Devices Connected
More results

Podobny opis - AD5270BRMZ-20-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5291 AD-AD5291 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com