Zakładka z wyszukiwarką danych komponentów |
|
AD5640CRM-1REEL7 Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD5640CRM-1REEL7 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 28 page AD5620/AD5640/AD5660 Rev. F | Page 6 of 28 Parameter A Grade2 B Grade2 C Grade2 Unit Conditions/Comments LOGIC INPUTS4 Input Current ±1 ±1 ±1 μA max All digital inputs VINL, Input Low Voltage 0.8 0.8 0.8 V max VDD = 3 V VINH, Input High Voltage 2 2 2 V min VDD = 3 V Pin Capacitance 3 3 3 pF max POWER REQUIREMENTS VDD 2.7 2.7 2.7 V min All digital inputs at 0 V or VDD 3.3 3.3 3.3 V max DAC active and excluding load current IDD (Normal Mode) VDD = 2.7 V to 3.3 V 0.55 0.55 0.55 mA typ VIH = VDD and VIL = GND VDD = 2.7 V to 3.3 V 0.65 0.65 0.65 mA max VIH = VDD and VIL = GND IDD (All Power-Down Modes) VDD = 2.7 V to 3.3 V 0.2 0.2 0.2 μA typ VIH = VDD and VIL = GND VDD = 2.7 V to 3.3 V 0.25 0.25 0.25 μA max VIH = VDD and VIL = GND 1 Part is functional with VDD up to 5.5 V. 2 Temperature range is −40°C to +105°C, typical at +25°C. 3 Linearity calculated using a reduced code range: AD5660 (Code 511 to Code 65024); AD5640 (Code 128 to Code 16256); AD5620 (Code 32 to Code 4064). Output unloaded. 4 Guaranteed by design and characterization; not production tested. |
Podobny numer części - AD5640CRM-1REEL7 |
|
Podobny opis - AD5640CRM-1REEL7 |