Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAXXCC0WT Arkusz danych(PDF) 8 Page - Rohm

Numer części BAXXCC0WT
Szczegółowy opis  2A/1A Fixed OutputLDORegulators With ShutdownSwicth
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BAXXCC0WT Arkusz danych(HTML) 8 Page - Rohm

Back Button BAXXCC0WT Datasheet HTML 4Page - Rohm BAXXCC0WT Datasheet HTML 5Page - Rohm BAXXCC0WT Datasheet HTML 6Page - Rohm BAXXCC0WT Datasheet HTML 7Page - Rohm BAXXCC0WT Datasheet HTML 8Page - Rohm BAXXCC0WT Datasheet HTML 9Page - Rohm BAXXCC0WT Datasheet HTML 10Page - Rohm BAXXCC0WT Datasheet HTML 11Page - Rohm BAXXCC0WT Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Datasheet
8/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
●Typical Performance Curves - continued
Fig.8
Ripple Rejection Characteristics
(Io=100mA)
Fig.9
Output Voltage
Temperature Characteristics
Fig.10
Circuit Current by load Level
(IOUT=0mA→1A)
Fig.7
Input/Output Voltage Difference
Io-△Vd Characteristics (Vcc=2.95V)


Podobny numer części - BAXXCC0WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BAXXCC0WT ROHM-BAXXCC0WT Datasheet
261Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BAXXCC0WT-V5 ROHM-BAXXCC0WT-V5 Datasheet
373Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
More results

Podobny opis - BAXXCC0WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com