Zakładka z wyszukiwarką danych komponentów |
|
FFPF20U60S Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
FFPF20U60S Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page ©2000 Fairchild Semiconductor International Rev. F, September 2000 ULTRA FAST RECOVERY POWER RECTIFIER Absolute Maximum Ratings T C=25° °°°C unless otherwise noted Thermal Characteristics Electrical Characteristics T C=25 ° °°°C unless otherwise noted * Pulse Test: Pulse Width=300 µs, Duty Cycle=2% Symbol Parameter Value Units VRRM Peak Repetitive Reverse Voltage 600 V IF(AV) Average Rectified Forward Current @ TC = 100°C20 A IFSM Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave 120 A TJ, TSTG Operating Junction and StorageTemperature - 65 to +150 °C Symbol Parameter Value Units RθJC Maximum Thermal Resistance, Junction to Case 1.25 °C/W Symbol Parameter Min. Typ. Max. Units VFM * Maximum Instantaneous Forward Voltage I F = 20A I F = 20A TC = 25 °C TC = 100 °C 2.2 2.0 V IRM * Maximum Instantaneous Reverse Current @ rated VR TC = 25 °C TC = 100 °C 10 100 µA trr Irr Qrr Maximum Reverse Recovery Time Maximum Reverse Recovery Current Maximum Reverse Recovery Charge (IF =20A, di/dt = 200A/µs) 90 8 360 ns A nC WAVL Avalanche Energy 1.0 mJ FFPF20U60S Features • High voltage and high reliability • High speed switching • Low forward voltage Applications • General purpose • Switching mode power supply • Free-wheeling diode for motor application • Power switching circuits TO-220F 1 2 1. Cathode 2. Anode |
Podobny numer części - FFPF20U60S |
|
Podobny opis - FFPF20U60S |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |