Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145026P Arkusz danych(PDF) 10 Page - Freescale Semiconductor, Inc

Numer części MC145026P
Szczegółowy opis   Encoder and Decoder Pairs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026P Arkusz danych(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC145026P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
10
RS
CTC
RTC
11
12
13
INTERNAL
ENABLE
Figure 9. Encoder Oscillator Information
This oscillator operates at a frequency determined by the
external RC network; i.e.,
f
1
2.3 RTC CTC′
(Hz)
for 1 kHz
≤ f ≤ 400 kHz
where: CTC′ = CTC + Clayout + 12 pF
RS ≈ 2 RTC
RS ≥ 20 k
RTC ≥ 10 k
400 pF < CTC < 15 µF
The value for RS should be chosen to be ≥ 2 times RTC. This range ensures
that current through RS is insignificant compared to current through RTC. The
upper limit for RS must ensure that RS x 5 pF (input capacitance) is small com-
pared to RTC x CTC.
For frequencies outside the indicated range, the formula is less accurate.
The minimum recommended oscillation frequency of this circuit is 1 kHz. Sus-
ceptibility to externally induced noise signals may occur for frequencies below
1 kHz and/or when resistors utilized are greater than 1 M
Ω.
Figure 10. Timing Diagram
PWmin
TE
2 WORD TRANSMISSION
ENCODER
CONTINUOUS TRANSMISSION
ENCODER
OSCILLATOR
(PIN 12)
Dout
(PIN 15)
VT
(PIN 11)
DATA OUTPUTS
1.1 (R2C2)
DECODER
ENCODING SEQUENCE
1ST
DIGIT
HIGH
2ND WORD
1ST WORD
OPEN
LOW
9TH
DIGIT
9TH
DIGIT
1ST
DIGIT


Podobny numer części - MC145026P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145026P MOTOROLA-MC145026P Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026P LANSDALE-MC145026P Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026P FREESCALE-MC145026P Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com