Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD10-E2GA152MYNSA Arkusz danych(PDF) 3 Page - TDK Electronics

Numer części CD10-E2GA152MYNSA
Szczegółowy opis  Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

CD10-E2GA152MYNSA Arkusz danych(HTML) 3 Page - TDK Electronics

  CD10-E2GA152MYNSA Datasheet HTML 1Page - TDK Electronics CD10-E2GA152MYNSA Datasheet HTML 2Page - TDK Electronics CD10-E2GA152MYNSA Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(2/2)
005-03 / 20111003 / e4b3_cd.fm
• All specifications are subject to change without notice.
HALOGEN-FREE PRODUCT
MARKINGS
Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
The expression has become simplified due to a revision in the standards.
INTERNATIONALLY CERTIFIED STATUS / IEC60384-14 EN60384-14 Approved
• Certificate numbers shall be changed owing to the revisions of the related standards.
CURRENT PRODUCT
MARKINGS
Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
INTERNATIONALLY CERTIFIED STATUS / IEC60384-14 EN60384-14 Approved
• Certificate numbers shall be changed owing to the revisions of the related standards.
Item
Marking examples
1. Series
2. Nominal capacitance
3. Capacitance tolerance
4. Rated voltage Eac
5. Sub-class of safety performance
6. TDK’s logogram
7. Date code
CD
222(2200pF)
M(±20%)
X1Y1
15 (2011.5)
Safety
standard
Standard No.
of IEC
Standard No.
Temperature
characteristics
Insulation
sub-class
Rated voltage
Eac(V)
Approval report No.
Japan
Taiwan
Xiamen
BSI
IEC 60065
BS EN 60065
B, E
X1, Y1
250
KM37103
KM37103
KM37103
IEC 60384-14 BS EN60384-14
VDE
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
40029780
40029780
40029780
SEV
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
10.0121
10.0121
10.0121
SEMKO
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
912465
912465
912465
NEMKO
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
P09211658
P09211658
P09211658
DEMKO
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
315294-01
315294-01
315294-01
FIMKO
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
FI 25522
FI 25522
FI 25522
IMQ
IEC 60384-14 EN 60384-14
B, E
X1, Y1
250
V3691
V3691
V3691
SAA
IEC 60065
AS3250
B, E
400
CS6268
CS6268
CS6268
UL
UL 1414
B, E
(X, Y)
250
E37861
E37861
E37861
CSA
IEC 60384-14 CAN/CSA-E60384-14
B, E
(X, Y)
250
2278970
(LR 35801)
2278970
(LR 35801)
2278970
(LR 35801)
CQC
IEC 60384-14 GB-T 14472-1998
B, E
X1, Y1
250
CQC10001051611 CQC10001051638 CQC03001004816
Item
Marking examples
1. Series
2. Nominal capacitance
3. Capacitance tolerance
4. Rated voltage Eac
5. Withstand voltage Eac
6. Sub-class of safety performance
7. TDK’s logogram
8. Date code
9. Regulatory body safety standards compliance markings
CD
222(2200pF)
M(±20%)
X1Y1
15 (2011.5)
Safety
standard
Standard No.
of IEC
Standard No.
Temperature
characteristics
Insulation
sub-class
Rated voltage
Eac(V)
Approval report No.
Japan
Taiwan
Xiamen
BSI
IEC 60065
BS EN 60065
B, E
X1, Y1
250
226495
226495
226495
IEC 60384-14
BS EN60384-14
VDE
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
138526
138550
124321
SEV
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
09.0963
09.0963
09.0963
SEMKO
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
915564
915564
915396
NEMKO
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
P09211509
P09211509
P08209310
DEMKO
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
315180-01
315180-01
314712-02
FIMKO
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
FI 25452
FI 25452
FI 24307
IMQ
IEC 60384-14
EN60384-14
B, E
X1, Y1
250
V3691
V3691
V3691
SAA
IEC 60065
AS3250
B, E
400
6268
6268
6268
UL
UL 1414
B, E
(X, Y)
250
E37861
E37861
E37861
CSA
CSA C22.2 No.0 & No.1
B, E
(X, Y)
250
LR35801
LR65972
LR65972
250V
(AC.250V)
CD222M
15
250
X1Y1
(Marking position is reference.)
BSI
(U.K.)
SEMKO
(Sweden)
VDE
(Germany)
SEV
(Switzerland)
UL
(U.S.A.)
CSA
(Canada)
FIMKO
(Finland)
DEMKO
(Denmark)
NEMKO
(Norway)
IMQ
(Italy)
BSI
TJ508
250V
(AC.250V)
T4KV
(AC.4kV)
CD222M
250V
X1Y1
BSI
T4KV
TJ508
94
Front
Back
(Marking position of the monogram is reference.)
• For more information about products with other capacitance or other data, please contact us.


Podobny numer części - CD10-E2GA152MYNSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marki Microwave
CD10-0106 MARKIMICROWAVE-CD10-0106 Datasheet
218Kb / 3P
   DUAL DIRECTIONAL COUPLER
CD10-0114 MARKIMICROWAVE-CD10-0114 Datasheet
218Kb / 3P
   DUAL DIRECTIONAL COUPLER
More results

Podobny opis - CD10-E2GA152MYNSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CK45-RR TDK-CK45-RR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Low dissipation at high frequency
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com