Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMBZ5258BLT1 Arkusz danych(PDF) 1 Page - First Components International

Numer części FMBZ5258BLT1
Szczegółowy opis  Surface Mount Zener Diodes 225m WATTS SMALL SIGNAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

FMBZ5258BLT1 Arkusz danych(HTML) 1 Page - First Components International

  FMBZ5258BLT1 Datasheet HTML 1Page - First Components International FMBZ5258BLT1 Datasheet HTML 2Page - First Components International FMBZ5258BLT1 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Zener Diodes
*225mw Power Dissipation
*Ideal for Surface Mountted Application
*Case : SOT-23 Molded plastic
Mechanical Data:
Features:
SMALL SIGNAL
225m WATTS
*Zener Breakdown Voltage Range
*Terminals: Solderable per MIL-STD-202,
*Polarity: Cathode Indicated by Polarity Band
*Marking: Marking Code (See Table on Page 3)
*Weigh: 0.008grams(approx)
Method 208
2.4V to 91V
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Total Power Dissipation on FR-5 Board
@T =25 C
Thermal Resistance Junction to Ambient Air
Forward Voltage @ IF=10mA
Junction and Storage Temperature Range
V
C/W
NOTES:1.FR-5=1.0*0.75*0.62in
C
R JA
(1)
(1)
PD
VF
Tj,TSTG
Value
225
556
0.9
-65 to+150
mW
(TA=25 C Unless Otherwise Noted)
A
ELECTRICAL CHARACTERISTICS
(P inout: 1-Anode, 2-No C onnection, 3-C athode) (TA = 25 C
unless otherwise noted, V F = 0.9V Max. @ I F = 10 mA)
Symbol
Parameter
VZ
R everse Zener Voltage @ IZT
IZT
R everse C urrent
ZZT
Maximum Zener Impedance @ IZT
IR
R everse Leakage C urrent @ VR
VR
R everse Voltage
IF
F orward C urrent
VF
F orward Voltage @ IF
Z
I ZK
ZK
R everse C urrent
Maximum Zener Impedance@ I ZK
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
V F
3
Cathode
Anode
1
Data Sheet
ANODE
De s c ription
CATHODE
2
1
3
Me c ha nic a l Dim e ns ions
. 110
. 060
. 037
. 037
. 115
. 016
. 043
. 004
. 016
2
1
3


Podobny numer części - FMBZ5258BLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
FMBZ5223B FCI-FMBZ5223B Datasheet
287Kb / 3P
   Surface Mount Zener Diodes
More results

Podobny opis - FMBZ5258BLT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
BZX84B2V0 WEITRON-BZX84B2V0 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
1N4728A WEITRON-1N4728A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
   Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
   Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
   Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
   Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
   Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
   Surface Mount Small Signal Diodes
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com