Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1018 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FIN1018
Szczegółowy opis  3.3V LVDS 1-Bit High Speed Differential Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1018 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FIN1018 Datasheet HTML 1Page - Fairchild Semiconductor FIN1018 Datasheet HTML 2Page - Fairchild Semiconductor FIN1018 Datasheet HTML 3Page - Fairchild Semiconductor FIN1018 Datasheet HTML 4Page - Fairchild Semiconductor FIN1018 Datasheet HTML 5Page - Fairchild Semiconductor FIN1018 Datasheet HTML 6Page - Fairchild Semiconductor FIN1018 Datasheet HTML 7Page - Fairchild Semiconductor FIN1018 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500502
www.fairchildsemi.com
March 2001
Revised April 2002
FIN1018
3.3V LVDS 1-Bit High Speed Differential Receiver
General Description
This single receiver is designed for high speed intercon-
nects utilizing Low Voltage Differential Signaling (LVDS)
technology. The receiver translates LVDS levels, with a typ-
ical differential input threshold of 100 mV, to LVTTL signal
levels. LVDS provides low EMI at ultra low power dissipa-
tion even at high frequencies. This device is ideal for high
speed transfer of clock or data.
The FIN1018 can be paired with its companion driver, the
FIN1017, or with any other LVDS driver.
Features
s Greater than 400Mbs data rate
s 3.3V power supply operation
s 0.4ns maximum pulse skew
s 2.5ns maximum propagation delay
s Low power dissipation
s Power-Off protection
s Fail safe protection for open-circuit, shorted and termi-
nated conditions
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Flow-through pinout simplifies PCB layout
s 8-Lead SOIC and US-8 packages save space
Ordering Code:
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Fail Safe
= Open, Shorted, Terminated
Connection Diagrams
8-Lead SOIC
Pin Assignment for US-8 Package
TOP VIEW
Order Number
Package Number
Package Description
FIN1018M
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TUBE]
FIN1018MX
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
[TAPE and REEL]
FIN1018K8X
MAB08A
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide
[TAPE and REEL]
Pin Name
Description
ROUT
LVTTL Data Output
RIN+
Non-inverting Driver Input
RIN−
Inverting Driver Input
VCC
Power Supply
GND
Ground
NC
No Connect
Input
Outputs
RIN+
RIN−
ROUT
LH
L
HL
H
Fail Safe Condition
H


Podobny numer części - FIN1018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
FIN1018K8X ONSEMI-FIN1018K8X Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
FIN1018M ONSEMI-FIN1018M Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
FIN1018MX ONSEMI-FIN1018MX Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
More results

Podobny opis - FIN1018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com