Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1018MX Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FIN1018MX
Szczegółowy opis  3.3V LVDS 1-Bit High Speed Differential Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1018MX Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FIN1018MX Datasheet HTML 1Page - Fairchild Semiconductor FIN1018MX Datasheet HTML 2Page - Fairchild Semiconductor FIN1018MX Datasheet HTML 3Page - Fairchild Semiconductor FIN1018MX Datasheet HTML 4Page - Fairchild Semiconductor FIN1018MX Datasheet HTML 5Page - Fairchild Semiconductor FIN1018MX Datasheet HTML 6Page - Fairchild Semiconductor FIN1018MX Datasheet HTML 7Page - Fairchild Semiconductor FIN1018MX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Note A: All input pulses have frequency
= 10MHz, t
R or tF = 1ns
Note B: CL includes all probe and fixture capacitances
FIGURE 1. Differential Receiver Voltage Definitions and Propagation Delay and Transition Time Test Circuit
TABLE 1. Receiver Minimum and Maximum Input Threshold Test Voltages
FIGURE 2. LVDS Input to LVTTL Output AC Waveforms
Applied Voltages (V)
Resulting Differential
Input Voltage (mV)
Resulting Common Mode
Input Voltage (V)
VIA
VIB
VID
VIC
1.25
1.15
100
1.2
1.15
1.25
−100
1.2
2.4
2.3
100
2.35
2.3
2.4
−100
2.35
0.1
0
100
0.05
00.1
−100
0.05
1.5
0.9
600
1.2
0.9
1.5
−600
1.2
2.4
1.8
600
2.1
1.8
2.4
−600
2.1
0.6
0
600
0.3
00.6
−600
0.3


Podobny numer części - FIN1018MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN1018MX ONSEMI-FIN1018MX Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
More results

Podobny opis - FIN1018MX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com