Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1022M Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FIN1022M
Szczegółowy opis  2 X 2 LVDS High Speed Crosspoint Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1022M Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN1022M Datasheet HTML 2Page - Fairchild Semiconductor FIN1022M Datasheet HTML 3Page - Fairchild Semiconductor FIN1022M Datasheet HTML 4Page - Fairchild Semiconductor FIN1022M Datasheet HTML 5Page - Fairchild Semiconductor FIN1022M Datasheet HTML 6Page - Fairchild Semiconductor FIN1022M Datasheet HTML 7Page - Fairchild Semiconductor FIN1022M Datasheet HTML 8Page - Fairchild Semiconductor FIN1022M Datasheet HTML 9Page - Fairchild Semiconductor FIN1022M Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Podobny numer części - FIN1022M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025MTC FAIRCHILD-FIN1025MTC Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026MTC FAIRCHILD-FIN1026MTC Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results

Podobny opis - FIN1022M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com