Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1028MPX Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FIN1028MPX
Szczegółowy opis  3.3V LVDS 2-Bit High Speed Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1028MPX Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

  FIN1028MPX Datasheet HTML 1Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 2Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 3Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 4Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 5Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 6Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 7Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 8Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification
TAPE FORMAT for MLP
MLP Embossed Tape Dimensions (Dimensions are in millimeters)
REEL DIMENSIONS (millimeters)
Package
Ao
Bo
DD1
EF
Ko
P1
Po
P2
TTC
WWc
±0.10 ±0.10 ±0.05
Min
±0.1
±0.1
±0.1
TYP
TYP
±0/05
TYP
±0.005 ±0.3
TYP
2 x 2
2.30
2.30
1.55
1.0
1.75
3.5
1.0
8.0
4.0
2.0
0.3
0.06
8.0
5.3
Tape Width
Dia A
Max
Dim B
Min
Dia C
+0.5/−0.2
Dia D
Min
Dim N
Min
Dim W1
+2/−0
Dim W2
Max
Dim W3
(LSL - USL)
8 mm
330
1.5
13
20.2
178
8.4
14.4
7.9
∼ 10.4


Podobny numer części - FIN1028MPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1028MPX FAIRCHILD-FIN1028MPX Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
More results

Podobny opis - FIN1028MPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
logo
Fairchild Semiconductor
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com