Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1032MTC Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FIN1032MTC
Szczegółowy opis  3.3V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1032MTC Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FIN1032MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1032MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1032MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1032MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1032MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1032MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
Supply Voltage (VCC)
−0.5V to +4.6 V
DC Input Voltage (VIN)
−0.5V to +4.6 V
DC Input Voltage (VOUT)
−0.5V to 6 V
DC Output Current (IO)16 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)
150
°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
≥ 10,000 V
ESD (Machine Model)
≥ 500 V
Supply Voltage (VCC)
3.0 V to 3.6 V
Magnitude of Differential Voltage
(|VID|)
100 mV to VCC
Common-Mode Input Voltage (VIC)
0.05 V to 2.35V
Input Voltage (VIN)
0 to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VTH
Differential Input Threshold HIGH
See Figure 1 and Table 1
100
mV
VTL
Differential Input Threshold LOW
See Figure 1 and Table 1
−100
mV
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-OFF Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VIH
Input High Voltage (EN or EN)2.0
VCC
V
VIL
Input Low Voltage (EN or EN)GND
0.8
V
VOH
Output HIGH Voltage
IOH = −100 µAVCC −0.2
V
IOH = −8 mA
2.4
VOL
Output LOW Voltage
IOH = 100 µA0.2
V
IOL = 8 mA
0.5
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
V
IOZ
Disabled Output Leakage Current
EN
= 0.8 and EN = 2V, V
OUT = 3.6V or 0V
±20
µA
IOS
Output Short Circuit Test
Receiver Enabled, VOUT = 0V
−15
−100
mA
(one output shorted at a time)
ICCZ
Disabled Power Supply Current
Receiver Disabled
5
mA
ICC
Power Supply Current
Receiver Enabled, (RIN+ = 1V and RIN− = 1.4V)
15
mA
or (RIN+ = 1.4V and RIN− = 1V)
IPU/PD
Output Power Up/Power Down
VCC = 0V to 1.5V
±20
µA
High Z Leakage Current
CIN
Input Capacitance
3.5
pF
COUT
Output Capacitance
6pF


Podobny numer części - FIN1032MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN1032MTC ONSEMI-FIN1032MTC Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
More results

Podobny opis - FIN1032MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com