Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF5000BCPZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADF5000BCPZ
Szczegółowy opis  4 GHz to 18 GHz Divide-by-2 Prescaler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF5000BCPZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADF5000BCPZ Datasheet HTML 3Page - Analog Devices ADF5000BCPZ Datasheet HTML 4Page - Analog Devices ADF5000BCPZ Datasheet HTML 5Page - Analog Devices ADF5000BCPZ Datasheet HTML 6Page - Analog Devices ADF5000BCPZ Datasheet HTML 7Page - Analog Devices ADF5000BCPZ Datasheet HTML 8Page - Analog Devices ADF5000BCPZ Datasheet HTML 9Page - Analog Devices ADF5000BCPZ Datasheet HTML 10Page - Analog Devices ADF5000BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADF5000
Rev. 0 | Page 7 of 12
EVALUATION BOARD PCB
The evaluation board has four connectors as shown in Figure 8.
The RF input connector (J4) is a high frequency precision SMA
connector from Emerson. This connector is mechanically
compatible with SMA, 3.5 mm, and 2.92 mm cables.
Figure 8. Evaluation Board Silkscreen—Top View
The evaluation board is powered from a single 3.0 V to 3.6 V
supply, which should be connected to the J1 SMA connector.
The power supply can also be connected using the T3 (VDDx)
and T2 (GND) test points.
The differential RF outputs are brought out on the J2 and J3
SMA connectors. If only one of the outputs is being used, the
unused output should be correctly terminated using a 50 Ω
SMA termination.
The chip enable (CE) pin can be controlled using the T1 test
point. If this function is not required, the test point can be left
unconnected.
PCB MATERIAL STACK-UP
The evaluation board is built using Rogers RO4003C material
(0.008 inch). RF track widths are 0.015 inch to achieve a controlled
50 Ω characteristic impedance. The complete printed circuit
board (PCB) stack-up is shown in Figure 9.
FR4 PREPREG
0.0372”
0.5oz (18µm) FINISHED COPPER
ROGERS RO4003C LAMINATE 0.008”
ε
r = 3.38. STARTING COPPER WEIGHT 0.5oz/0.5oz
1.5oz (53µm) FINISHED COPPER
0.5oz (18µm) FINISHED COPPER
1.5oz (53µm) FINISHED COPPER
ROGERS RO4003C LAMINATE 0.008”
ε
r = 3.38. STARTING COPPER WEIGHT 0.5oz/0.5oz
0.062” ± 0.003”
COPPER TO COPPER
Figure 9. Evaluation Board PCB Layer Stack-Up
BILL OF MATERIALS
Table 4.
Qty.
Reference Designator
Description
Supplier
Part Number
1
C1
0.1 µF, 0603 capacitor
Murata
GRM188R71H104KA93D
1
C2
10 pF, 0402 capacitor
Murata
GRM1555C1H100JZ01D
3
J1, J2, J3
SMA RF connector
Emerson
142-0701-851
1
J4
SMA RF connector
Emerson
142-0761-801
3
T1, T2, T3
Test points
Vero
20-2137
1
U1
ADF5000 RF prescaler
Analog Devices, Inc.
ADF5000BCPZ


Podobny numer części - ADF5000BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
More results

Podobny opis - ADF5000BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
   4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
   DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
   1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
   9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
logo
Hittite Microwave Corpo...
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
   DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com