Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6755ACPZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADRF6755ACPZ
Szczegółowy opis  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 6Page - Analog Devices ADRF6755ACPZ Datasheet HTML 7Page - Analog Devices ADRF6755ACPZ Datasheet HTML 8Page - Analog Devices ADRF6755ACPZ Datasheet HTML 9Page - Analog Devices ADRF6755ACPZ Datasheet HTML 10Page - Analog Devices ADRF6755ACPZ Datasheet HTML 11Page - Analog Devices ADRF6755ACPZ Datasheet HTML 12Page - Analog Devices ADRF6755ACPZ Datasheet HTML 13Page - Analog Devices ADRF6755ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 10 of 48
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VCC1, VCC2, VCC3, and VCC4 Supply Voltage
−0.3 V to +6 V
VREG1, VREG2, VREG3, VREG4, VREG5, and
VREG6 Supply Voltage
−0.3 V to +4 V
IBB, IBB, QBB, and QBB
0 V to 2.5 V
Digital I/O
−0.3 V to +4 V
Analog I/O (Other Than IBB, IBB, QBB, and
QBB)
−0.3 V to +4 V
Maximum Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - ADRF6755ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADRF6755ACPZ AD-ADRF6755ACPZ Datasheet
2Mb / 48P
   100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
ADRF6755ACPZ-R7 AD-ADRF6755ACPZ-R7 Datasheet
2Mb / 48P
   100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
More results

Podobny opis - ADRF6755ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADRF6755 AD-ADRF6755 Datasheet
2Mb / 48P
   100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
   2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
   450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
logo
Hittite Microwave Corpo...
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
ADRF6806ACPZ-R7 AD-ADRF6806ACPZ-R7 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com