Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ681Q Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części 2SJ681Q
Szczegółowy opis  Relay Drive, DC?묭C Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ681Q Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  2SJ681Q Datasheet HTML 1Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 2Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 3Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 4Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 5Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SJ681
2010-03-01
5
rth − tw
Safe Operating Area
EAS – Tch
Drain-source voltage VDS (V)
Pulse width tw (s)
Channel temperature (initial) Tch (°C)
ID max (continuous)
ID max (pulsed) *
DC operation
Tc
= 25°C
1 ms *
100
μs *
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
0
25
10
30
50
40
50
75
100
125
150
0.01
10
μ
100
μ
1 m
10 m
100 m
1
10
0.1
1
10
0.01
0.02
0.05
0.1
0.2
Duty
= 0.5
Single pulse
T
PDM
t
Duty
= t/T
Rth (ch-c) = 6.25°C/W
RG = 25 Ω
VDD = −25 V, L = 2.2 mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
20
−0.1
−1
−10
−100
VDSS max
−1
−10
−100
−0.1
Waveform
IAR
BVDSS
VDD
VDS
Test circuit
−15 V
0 V


Podobny numer części - 2SJ681Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SJ681 TOSHIBA-2SJ681 Datasheet
253Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
2SJ681 TOSHIBA-2SJ681 Datasheet
160Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
logo
VBsemi Electronics Co.,...
2SJ681 VBSEMI-2SJ681 Datasheet
976Kb / 7P
   P-Channel 4 0 V (D-S) MOSFET
logo
Fairchild Semiconductor
2SJ6812 FAIRCHILD-2SJ6812 Datasheet
86Kb / 5P
   High Voltage Color Display Horizontal
logo
Toshiba Semiconductor
2SJ681 TOSHIBA-2SJ681_09 Datasheet
160Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
More results

Podobny opis - 2SJ681Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK2662T TOSHIBA-2SK2662T Datasheet
557Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SJ349FT TOSHIBA-2SJ349FT Datasheet
400Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2615TE12LF TOSHIBA-2SK2615TE12LF Datasheet
394Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2545T TOSHIBA-2SK2545T Datasheet
439Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2611T TOSHIBA-2SK2611T Datasheet
414Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive
2SK2717F TOSHIBA-2SK2717F Datasheet
494Kb / 6P
   DC?묭C Converter and Motor Drive Applications
2SK1544Q TOSHIBA-2SK1544Q Datasheet
381Kb / 6P
   DC?묭C Converter and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com