Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZ5-CE005L12 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części DZ5-CE005L12
Szczegółowy opis  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

DZ5-CE005L12 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  DZ5-CE005L12 Datasheet HTML 1Page - List of Unclassifed Manufacturers DZ5-CE005L12 Datasheet HTML 2Page - List of Unclassifed Manufacturers DZ5-CE005L12 Datasheet HTML 3Page - List of Unclassifed Manufacturers DZ5-CE005L12 Datasheet HTML 4Page - List of Unclassifed Manufacturers DZ5-CE005L12 Datasheet HTML 5Page - List of Unclassifed Manufacturers DZ5-CE005L12 Datasheet HTML 6Page - List of Unclassifed Manufacturers DZ5-CE005L12 Datasheet HTML 7Page - List of Unclassifed Manufacturers DZ5-CE005L12 Datasheet HTML 8Page - List of Unclassifed Manufacturers DZ5-CE005L12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DZ5 Cable Ends
Product Description
3
09/98
© 1998 Square D All Rights Reserved
Introduction
Insulated cable ends contain a tinned copper ferrule fitted with an insulated sleeve. The copper ferrule
holds the core strands of stranded wire and facilitates terminal connections. The insulated plastic sleeve
provides protection between adjacent connections. Also, the insulated sleeve on some cable end types
incorporates an attachment for cable markers.
General Characteristics
• Copper ferrule, tin plated to ISO 1337
• Halogen-free plastic insulated sleeve
• Temperature limits: -20 to 105
°C (-4 to 221 °F)
• CE Marked
• Conforms to NFC 63-023 or DIN 46228
• Some cable ends are UL Component Recognized (File E164872) provided the AT1PA crimping tool
is used to crimp the cable end
Product Description
4 Types
• Single conductor cable ends with insulated sleeve
• Twin conductor cable ends with insulated sleeve
• Single conductor cable ends with insulated sleve and
marker tag
• Single conductor cable ends with insulated sleeve and
clip-in marker tag holder
3 Lengths
• Short: 11 mm, for mini connectors such as those used
with printed circuits
• Medium: 13 mm, for connector or screw clamp industrial
applications
• Long: 16.8 mm, for plug-in terminal applications
3 Packaging Choices
• Dispensing pack: sizes
≥ 2.5 mm2
• Strip of 10 tear-off bags: sizes
≤ 4 mm2
• Individual bags: sizes
≥ 6 mm2
2 Choices for Conformity to Standards
• Products conforming to standard NF C 63-023
• Products conforming to standard DIN 46228


Podobny numer części - DZ5-CE005L12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
More results

Podobny opis - DZ5-CE005L12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
1658 POMONA-1658 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
2247 POMONA-2247 Datasheet
30Kb / 1P
   Miniature Double Banana Plug Both Ends Cable Assembly
2239 POMONA-2239 Datasheet
33Kb / 1P
   Single Stacking Banana Plugs Both Ends Cable Assembly
5223 POMONA-5223 Datasheet
25Kb / 1P
   Triaxial Cable Assembly Male Both Ends, 3 Lug
4813 POMONA-4813 Datasheet
22Kb / 1P
   Cable Assembly, Microware Right Angle SMA (Male) Both Ends
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Tensility International...
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com