Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4040BIM3-8.2 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części LM4040BIM3-8.2
Szczegółowy opis  LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040BIM3-8.2 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM4040BIM3-8.2 Datasheet HTML 5Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 6Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 7Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 8Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 9Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 10Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 11Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 12Page - Texas Instruments LM4040BIM3-8.2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
LM4040-N, LM4040Q-N
www.ti.com
SNOS633H – OCTOBER 2000 – REVISED APRIL 2013
2.5-V LM4040-N Electrical Characteristics
VR Tolerance Grades 'C', 'D', and 'E'; Temperature Grade 'I' (AEC Grade 3)
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades C, D and E designate initial
Reverse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively.
LM4040CIZ
LM4040DIZ
LM4040EIZ
LM4040CIM3
LM4040DIM3
LM4040EIM3
Symbol
Parameter
Conditions
Typical(1)
LM4040CIM7
LM4040DIM7
LM4040EIM7
Units
LM4040QCIM3 LM4040QDIM3 LM4040QEIM3
Limits(2)
Limits(2)
Limits(2)
Reverse Breakdown
IR = 100 μA
2.500
V
Voltage
VR
±12
±25
±50
mV (max)
Reverse Breakdown
IR = 100 μA
Voltage Tolerance(3)
±29
±49
±74
mV (max)
45
μA
Minimum Operating
IRMIN
60
65
65
μA (max)
Current
65
70
70
μA (max)
Average Reverse
IR = 10 mA
±20
ppm/°C
Breakdown Voltage
IR = 1 mA
±15
±100
±150
±150
ppm/°C (max)
ΔVR/ΔT
Temperature
IR = 100 μA
±15
ppm/°C
Coefficient(3)
0.3
mV
IRMIN ≤ IR ≤ 1 mA
0.8
1.0
1.0
mV (max)
Reverse Breakdown
1.0
1.2
1.2
mV (max)
Voltage Change with
ΔVR/ΔIR
Operating Current
2.5
mV
Change(4)
1 mA
≤ IR ≤ 15 mA
6.0
8.0
8.0
mV (max)
8.0
10.0
10.0
mV (max)
0.3
Ω
Reverse Dynamic
IR = 1 mA, f = 120 Hz
ZR
Impedance
IAC = 0.1 IR
0.9
1.1
1.1
Ω(max)
IR = 100 μA
eN
Wideband Noise
35
μVrms
10 Hz
≤ f ≤ 10 kHz
Reverse Breakdown
t = 1000 hrs
ΔVR
Voltage Long Term
T = 25°C ±0.1°C
120
ppm
Stability
IR = 100 μA
VHYST
Thermal Hysteresis(5)
ΔT= −40°C to +125°C
0.08
%
(1)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(2)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(3)
The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse
Breakdown Voltage Tolerance ±[(
ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum
difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total over-
temperature tolerance for the different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total over-temperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown
below:
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5-V LM4040-N has an over-temperature Reverse Breakdown Voltage tolerance of ±2.5V ×
0.75% = ±19 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature +125°C.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4040-N LM4040Q-N


Podobny numer części - LM4040BIM3-8.2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4040BIM3-8.2 NSC-LM4040BIM3-8.2 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040BIM3-8.2 NSC-LM4040BIM3-8.2 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040BIM3-8.2 TI1-LM4040BIM3-8.2 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040BIM3-8.2 TI1-LM4040BIM3-8.2 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4040BIM3-8.2/NOPB TI1-LM4040BIM3-8.2/NOPB Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Podobny opis - LM4040BIM3-8.2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com