Zakładka z wyszukiwarką danych komponentów |
|
MC33071ADG Arkusz danych(PDF) 10 Page - ON Semiconductor |
|
MC33071ADG Arkusz danych(HTML) 10 Page - ON Semiconductor |
10 / 25 page MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A http://onsemi.com 10 Figure 34. Supply Current versus Supply Voltage Figure 35. Power Supply Rejection versus Temperature Figure 36. Channel Separation versus Frequency Figure 37. Input Noise versus Frequency VCC, |VEE|, SUPPLY VOLTAGE (V) 0 5.0 10 15 20 25 TA = 25°C TA = 125°C TA = -55°C TA, AMBIENT TEMPERATURE (°C) -55 -25 0 25 50 75 100 125 VCC = +15 V VEE = -15 V ( DVCC = +1.5 V) ( DVEE = +1.5 V) +PSR -PSR f, FREQUENCY (kHz) 10 20 30 50 70 100 200 300 VCC = +15 V VEE = -15 V TA = 25°C f, FREQUENCY (kHz) 10 100 1.0 k 10 k 100 k Voltage Current 9.0 8.0 7.0 6.0 5.0 4.0 105 95 85 75 65 120 100 80 60 40 20 0 70 60 50 40 30 20 10 0 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 DVO ADM + - DVCC DVEE DVO/ADM DVCC +PSR = 20 Log DVO/ADM DVEE -PSR = 20 Log VCC = +15 V VEE = -15 V VCM = 0 TA = 25°C Quad device APPLICATIONS INFORMATION CIRCUIT DESCRIPTION/PERFORMANCE FEATURES Although the bandwidth, slew rate, and settling time of the MC34071 amplifier series are similar to op amp products utilizing JFET input devices, these amplifiers offer other additional distinct advantages as a result of the PNP transistor differential input stage and an all NPN transistor output stage. Since the input common mode voltage range of this input stage includes the VEE potential, single supply operation is feasible to as low as 3.0 V with the common mode input voltage at ground potential. The input stage also allows differential input voltages up to ±44 V, provided the maximum input voltage range is not exceeded. Specifically, the input voltages must range between VEE and VCC supply voltages as shown by the maximum rating table. In practice, although not recommended, the input voltages can exceed the VCC voltage by approximately 3.0 V and decrease below the VEE voltage by 0.3 V without causing product damage, although output phase reversal may occur. It is also possible to source up to approximately 5.0 mA of current from VEE through either inputs clamping diode without damage or latching, although phase reversal may again occur. If one or both inputs exceed the upper common mode voltage limit, the amplifier output is readily predictable and may be in a low or high state depending on the existing input bias conditions. Since the input capacitance associated with the small geometry input device is substantially lower (2.5 pF) than the typical JFET input gate capacitance (5.0 pF), better frequency response for a given input source resistance can be achieved using the MC34071 series of amplifiers. This performance feature becomes evident, for example, in fast settling D−to−A current to voltage conversion applications where the feedback resistance can form an input pole with the input capacitance of the op amp. This input pole creates a 2nd order system with the single pole op amp and is therefore detrimental to its settling time. In this context, lower input capacitance is desirable especially for higher |
Podobny numer części - MC33071ADG |
|
Podobny opis - MC33071ADG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |