Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33064D-5R2G Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC33064D-5R2G
Szczegółowy opis  Undervoltage Sensing Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33064D-5R2G Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC33064D-5R2G Datasheet HTML 3Page - ON Semiconductor MC33064D-5R2G Datasheet HTML 4Page - ON Semiconductor MC33064D-5R2G Datasheet HTML 5Page - ON Semiconductor MC33064D-5R2G Datasheet HTML 6Page - ON Semiconductor MC33064D-5R2G Datasheet HTML 7Page - ON Semiconductor MC33064D-5R2G Datasheet HTML 8Page - ON Semiconductor MC33064D-5R2G Datasheet HTML 9Page - ON Semiconductor MC33064D-5R2G Datasheet HTML 10Page - ON Semiconductor MC33064D-5R2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC34064, MC33064, NCV33064
http://onsemi.com
7
ORDERING INFORMATION
Device
Shipping
Package
Operating Temperature Range
NCV33064D−5R2*
TA = −40°C to +125°C
SOIC−8
2500 Units / Tape & Reel
NCV33064D−5R2G*
SOIC−8
(Pb−Free)
NCV33064P−5RA*
TO−92
2000 Units / Tape & Reel
NCV33064P−5RAG*
TO−92
(Pb−Free)
NCV33064P−5RP*
TO−92
2000 Units / Ammo Pack
NCV33064P−5RPG*
TO−92
(Pb−Free)
NCV33064DM−5R2*
Micro8
4000 Units / Tape & Reel
NCV33064DM−5R2G*
Micro8
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, pleaserefer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV33064: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.
V3064
ALYW5
G
SOIC−8
D SUFFIX
CASE 751
x
= 3 or 4
y
= C or I
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W, WW = Work Week
G
=Pb−Free Package
MARKING DIAGRAMS
Micro8
DM SUFFIX
CASE 846A
1
8
TO−92
P SUFFIX
CASE 29
12 3
TSOP−5
SN SUFFIX
CASE 483
1
5
SRB AYW G
G
MC3x0
64P−5
ALYWW G
G
12 3
NCV30
64P−5
ALYWW G
G
(Note: Microdot may be in either location)
1
5
SSN AYW G
G
MC34064
MC33064
1
8
3x064
ALYW5
G
1
8
Ly50
AYW G
G
1
8
VI50
AYW G
G


Podobny numer części - MC33064D-5R2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33064D-5R2G ONSEMI-MC33064D-5R2G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064D-5R2G ONSEMI-MC33064D-5R2G Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results

Podobny opis - MC33064D-5R2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com