Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM08B-ZESS-TB Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części SM08B-ZESS-TB
Szczegółowy opis  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SM08B-ZESS-TB Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  SM08B-ZESS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM08B-ZESS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM08B-ZESS-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers SM08B-ZESS-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ZE CONNECTOR
B
A
1.5
6.3
(3.4)
Circuit No.1 mark
B
A
1.5
6.3
(3.4)
Circuit No.1 mark
B
A
1.5
6.3
(3.4)
Circuit No.1 mark
〈2 to 5 circuits〉
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B03B-ZESK-D
B04B-ZESK-D
B05B-ZESK-D
B06B-ZESK-D
B07B-ZESK-D
B08B-ZESK-D
B09B-ZESK-D
B10B-ZESK-D
B11B-ZESK-D
B12B-ZESK-D
B13B-ZESK-D
B14B-ZESK-D
B15B-ZESK-D
B16B-ZESK-D
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
2,496
1,984
1,664
1,408
1,216
1,088
960
896
832
768
704
640
576
576
512
A
B02B-ZESK-1D
B03B-ZESK-1D
B04B-ZESK-1D
B05B-ZESK-1D
B06B-ZESK-1D
B07B-ZESK-1D
B08B-ZESK-1D
B09B-ZESK-1D
B10B-ZESK-1D
B11B-ZESK-1D
B12B-ZESK-1D
B13B-ZESK-1D
B14B-ZESK-1D
B15B-ZESK-1D
B16B-ZESK-1D
Circuits
Without boss
Dimensions (mm)
Model No.
With boss
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural
Q’ty/
box
RoHS compliance This product displays (LF)(SN) on a label.
Note: Top entry type 2 circuits is only header with boss.
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S02B-ZESK-2D
S03B-ZESK-2D
S04B-ZESK-2D
S05B-ZESK-2D
S06B-ZESK-2D
S07B-ZESK-2D
S08B-ZESK-2D
S09B-ZESK-2D
S10B-ZESK-2D
S11B-ZESK-2D
S12B-ZESK-2D
S13B-ZESK-2D
S14B-ZESK-2D
S15B-ZESK-2D
S16B-ZESK-2D
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
1,872
1,488
1,248
1,056
912
816
720
672
624
576
528
480
432
432
384
A
Circuits
Q’ty/
box
Dimensions (mm)
Model No.
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural
RoHS compliance This product displays (LF)(SN) on a label.
Top entry type
Side entry type
B
5.75
A
1.65
1.5
(0.65)
2
3.8
Circuit No.1 mark
B
5.75
A
1.65
1.5
(0.65)
2
3.8
Circuit No.1 mark
B
5.75
A
2
3.8
1.65
1.5
(0.65)
Circuit No.1 mark
Top entry type
Side entry type
〈2 to 5 circuits〉
〈6 to 9 circuits〉〈6 to 9 circuits〉
〈10 to 16 circuits〉〈10 to 16 circuits〉
Through-hole type shrouded header
<For reference>
As the color identification, the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B02B-ZESK-1D, S02B-ZESK-2D
S…natural Z…ivory E…blue K…black O…orange R…red Y…yellow M…green N…brown L…lemon yellow
TR…tomato red MG…moss green DP…dark purple DH…dark gray DO…dark orange LE…light blue PK…pink FY…vivid yellow DRK…dark pink


Podobny numer części - SM08B-ZESS-TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JST Mfg. Co., Ltd.
SM08B-GEZS-TB JST-SM08B-GEZS-TB Datasheet
123Kb / 3P
   1.25 mm pitch竊뢈isconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM08B-GHS-TB ETC2-SM08B-GHS-TB Datasheet
93Kb / 2P
   1.25mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SM08B-GHS-TB JST-SM08B-GHS-TB Datasheet
842Kb / 5P
   1.25 mm pitch/Disconnectable Crimp style connectors
SM08B-NSHSS-TB JST-SM08B-NSHSS-TB Datasheet
638Kb / 4P
   NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM08B-SHLS-TF ETC2-SM08B-SHLS-TF Datasheet
94Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
More results

Podobny opis - SM08B-ZESS-TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
S6B-ZR-SM4A ETC-S6B-ZR-SM4A Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com