Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FJV3107R Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FJV3107R
Szczegółowy opis  NPN Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV3107R Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FJV3107R Datasheet HTML 1Page - Fairchild Semiconductor FJV3107R Datasheet HTML 2Page - Fairchild Semiconductor FJV3107R Datasheet HTML 3Page - Fairchild Semiconductor FJV3107R Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, August 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Input On Voltage
Figure 3. Input Off Voltage
Figure 4. Power Derating
0.1
1
10
100
1
10
100
1000
VCE = 5V
R1 = 22K
R2 = 47K
IC[mA], COLLECTOR CURRENT
0.1
1
10
100
0.1
1
10
100
VCE = 0.3V
R1 = 22K
R2 = 47K
IC[mA], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
1k
10k
V
CE = 5V
R
1 = 22K
R
2 = 47K
V
I(off)[V], INPUT OFF VOLTAGE
0
255075
100
125
150
175
0
50
100
150
200
250
300
350
400
Ta[
o
C], AMBIENT TEMPERATURE


Podobny numer części - FJV3107R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FJV3101 FAIRCHILD-FJV3101 Datasheet
55Kb / 4P
   NPN Epitaxial Silicon Transistor
FJV3101R FAIRCHILD-FJV3101R Datasheet
55Kb / 4P
   NPN Epitaxial Silicon Transistor
FJV3101R FAIRCHILD-FJV3101R Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3101RMTF FAIRCHILD-FJV3101RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV3101RMTF ONSEMI-FJV3101RMTF Datasheet
241Kb / 7P
   NPN Epitaxial Silicon Transistor with Bias Resistor
November 2013 Rev. 1.1.2
More results

Podobny opis - FJV3107R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com