Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM1233E Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FM1233E
Szczegółowy opis  3-Pin 關C Supervisor Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM1233E Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FM1233E Datasheet HTML 1Page - Fairchild Semiconductor FM1233E Datasheet HTML 2Page - Fairchild Semiconductor FM1233E Datasheet HTML 3Page - Fairchild Semiconductor FM1233E Datasheet HTML 4Page - Fairchild Semiconductor FM1233E Datasheet HTML 5Page - Fairchild Semiconductor FM1233E Datasheet HTML 6Page - Fairchild Semiconductor FM1233E Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.fairchildsemi.com
FM1233E Rev. D
Absolute Maximum Ratings
Voltage on any pin relative to GND
VCC
-0.3V to +6.0V
RESET
-0.3V to (VCC + 0.3V)
Input Current
20mA
Output Current (RESET)
20mA
Continuous Power Dissipation (TA = 70°C)
SOT23 (derate 4mW above 70°C)
300mW
Operating Temperature Range
-40°C to +105°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
These are stress ratings only, and functional operation is not implied for these levels or beyond. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Electrical Characteristics (VCC = 3.3V; TA = -40°C to +105°C unless otherwise
noted) (Note 1)
Note 1: Testing at production is done at 25°C only. Limits over temperature are guaranteed by design.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Voltage
VCC
1.2
3.3
5.5
V
Supply Current
ICC
VCC < 3.3V
3
6
µA
Reset Threshold
VTH
FM1233EC
2.70
2.88
2.97
V
Reset Threshold
VTH
FM1233ED
2.58
2.72
2.86
V
Reset Output Voltage
VOL
FM1233E
ISINK = 5mA
VCC = VTH(min)
0.4
V
Reset Timeout Period
tRST
FM1233E
140
256
560
ms


Podobny numer części - FM1233E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM1233A FAIRCHILD-FM1233A Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ABAS3X FAIRCHILD-FM1233ABAS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ACS3X FAIRCHILD-FM1233ACS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ADS3X FAIRCHILD-FM1233ADS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
More results

Podobny opis - FM1233E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233A FAIRCHILD-FM1233A Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM803 FAIRCHILD-FM803 Datasheet
345Kb / 7P
   3-Pin 關C Supervisor Device
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com