Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E-L9637D013TR Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części E-L9637D013TR
Szczegółowy opis  Monolithic bus driver with ISO 9141 interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L9637D013TR Arkusz danych(HTML) 5 Page - STMicroelectronics

  E-L9637D013TR Datasheet HTML 1Page - STMicroelectronics E-L9637D013TR Datasheet HTML 2Page - STMicroelectronics E-L9637D013TR Datasheet HTML 3Page - STMicroelectronics E-L9637D013TR Datasheet HTML 4Page - STMicroelectronics E-L9637D013TR Datasheet HTML 5Page - STMicroelectronics E-L9637D013TR Datasheet HTML 6Page - STMicroelectronics E-L9637D013TR Datasheet HTML 7Page - STMicroelectronics E-L9637D013TR Datasheet HTML 8Page - STMicroelectronics E-L9637D013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
L9637
Electrical specification
Doc ID 1765 Rev 7
5/15
ISON
Supply VS current
VS ≤ 16 V; VLI, VTX = 0 V
-
1.2
3
mA
ISOFF
VK
≥ VK
high; VLI ≥ VLIhigh
VTX
≥ VTX
high @ VS ≤ 12 V
-
120
220
µA
ISSB
VCC ≤ 0.5 V @ VS ≤ 12 V
-
<1
-
µA
VKlow
Input voltage low state
RX output status LOW
4.5 V
≤ V
S ≤ 18 V
-24
-
0.45VS
V
RX output status LOW
18 V < VS
-24
-
8
V
VKhigh
Input voltage high state
RX output status HIGH
4.5 V
≤ V
S ≤ 18 V
0.55VS
-VS
V
RX output status HIGH
18 V < VS
12
-
VS
V
VKhys
Input threshold hysteresis
VKhigh - VKlow
-
0.025
VS
0.8
V
IKoff
Input current
@ VTX
≥ VTX
high
VK
≤ V
S; VS, VCC ≥ 0 or
VS, VCC = open
-5
4
25
µA
RKON
Output ON impedance
@ VS ≥ 6.5 V
VTX
≤ VTX
low
IK ≥ 7 mA
(2)
-10
30
Ω
IKSC
Short circuit current
30
60
100
mA
VTXlow
Input voltage LOW state
-24
-
1
V
VTXhigh
Input voltage HIGH state
2.5
-
VCC
V
RRXON
RLOON
Output ON impedance
VK
≤ VK
low; VLI ≤ VLIlow
VS ≥ 6.5 V IRX, LO ≥ 1 mA
-
40
90
Ω
IRXSC
ILOSC
Output short circuit current
9
20
35
mA
VRXH
VLOH
Output voltage HIGH state
10M
Ω ≤ R
LRX
10M
Ω ≤ R
LLO
VCC-
0.25
VCC-
0.1
VCC-V
RLO
RRX
Output pull-up resistance
Output status = (HIGH)
-0.15 V
≤ VLO ≤ V
CC + 0.15 V
-0.15 V
≤ VRX ≤ V
CC + 0.15 V
510
20
k
Ω
RTX
Input pull up resistance
-0.15 V
≤ VTX ≤ V
CC + 0.15 V
10
20
40
k
Ω
VLIlow
Input voltage LOW state
LO output status LOW
4.5 V
≤ V
S ≤ 18 V
LO output status LOW 18 V < VS
-24
-24
-
0.45VS
8
V
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit


Podobny numer części - E-L9637D013TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
E-L9338MD STMICROELECTRONICS-E-L9338MD Datasheet
172Kb / 14P
   Quad low side driver
E-L9338MD-TR STMICROELECTRONICS-E-L9338MD-TR Datasheet
172Kb / 14P
   Quad low side driver
E-L9338MDTR STMICROELECTRONICS-E-L9338MDTR Datasheet
172Kb / 14P
   Quad low side driver
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
269Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
383Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
More results

Podobny opis - E-L9637D013TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
   ISO 9141 INTERFACE
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
   ISO 9141 INTERFACE
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
NXP Semiconductors
PCF8577C PHILIPS-PCF8577C Datasheet
175Kb / 28P
   LCD direct/duplex driver with I2C-bus interface
1998 Jul 30
SAA1064TD-T NXP-SAA1064TD-T Datasheet
115Kb / 19P
   4-digit LED-driver with I2C-Bus interface
February 1991
SAA1064 PHILIPS-SAA1064 Datasheet
129Kb / 19P
   4-digit LED-driver with I2C-Bus interface
February 1991
logo
Renesas Technology Corp
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
   Bus Interface Driver/Receiver IC
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
   Bus Interface Driver/Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com