Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1394723-0 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części 3-1394723-0
Szczegółowy opis  Connectivity Systems for PV Manufacturers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

3-1394723-0 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button 3-1394723-0 Datasheet HTML 7Page - STMicroelectronics 3-1394723-0 Datasheet HTML 8Page - STMicroelectronics 3-1394723-0 Datasheet HTML 9Page - STMicroelectronics 3-1394723-0 Datasheet HTML 10Page - STMicroelectronics 3-1394723-0 Datasheet HTML 11Page - STMicroelectronics 3-1394723-0 Datasheet HTML 12Page - STMicroelectronics 3-1394723-0 Datasheet HTML 13Page - STMicroelectronics 3-1394723-0 Datasheet HTML 14Page - STMicroelectronics 3-1394723-0 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
SOLARLOK Connectivity Systems for PV Manufacturers
te.com/solar
Catalog 3-1773458-7 | Issue Date 04/2011
Dimensions are in inches and millimeters unless otherwise specified.
Values in brackets are standard equivalents. Dimensions are shown
for reference purposes only. Specifications subject to change.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
Technical Data
Materials
Socket and Pin Contacts : CuZn
Housing : PPO (polyphenylene oxide),
weatherproof against UV radiation ozone
Contact Rail : Bright tin over copper
Electrical Features
Withstanding Voltage : 1000 V DC
Current Rating : Up to 25 A
Protection Class : ||
Mechanical Features
Temperature Range : -40°C to + 105°C
Wire Size Range : Up to 12 AWG, 4 mm2
Protection Degree : IP 65, closed
Standards
UL approved
TÜV approved to IEC 61215 ed. 2 approved
5-Rail Junction Box : Serial Interconnection
W : 140 mm
Top View
Side View
H : 22.5 mm
Junction Box with Connector Outlet
Part Number
ContactRails
Diodes
Rated Current
(IEC 61215, Edition 2)
(Ampere)
on request
5
4
8.5
on request
5
4
13.0
Junction Box with Mounted Cable and Connectors
Part Number
Contact
Rails
Diodes
Rated Current
(IEC 61215, Edition 2)
(Ampere)
Cable Length
(mm)
Wire Size
(mm2)
AWG
1987858-3
5
4
8.5
1,000
4.0
12
1987982-3
5
4
13.0
1,000
4.0
12
9


Podobny numer części - 3-1394723-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
3-1394723-0 MACOM-3-1394723-0 Datasheet
3Mb / 40P
   SOLARLOK Photovoltaic Interconnection System
More results

Podobny opis - 3-1394723-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ZSPM4523 ETC2-ZSPM4523 Datasheet
271Kb / 3P
   High-Efficiency Solar PV MPPT Regulator for Super Cap Systems
logo
Renesas Technology Corp
ZSPM4523 RENESAS-ZSPM4523 Datasheet
515Kb / 25P
   High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
logo
Microtune,Inc
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
logo
List of Unclassifed Man...
RN-XVEE ETC2-RN-XVEE Datasheet
1Mb / 2P
   Provides drop in, certified Wi-Fi connectivity for existing systems currently using 802.15.4 modules.
logo
SICK AG
CDM490-0101 SICK-CDM490-0101 Datasheet
544Kb / 4P
   CONNECTIVITY
CDM420-0007 SICK-CDM420-0007 Datasheet
639Kb / 4P
   CONNECTIVITY
CDM420-0102 SICK-CDM420-0102 Datasheet
673Kb / 4P
   CONNECTIVITY
CDM420-0108 SICK-CDM420-0108 Datasheet
575Kb / 4P
   CONNECTIVITY
CDM410-0001 SICK-CDM410-0001 Datasheet
437Kb / 4P
   CONNECTIVITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com