Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

700-102BAA-B00 Arkusz danych(PDF) 1 Page - Honeywell Solid State Electronics Center

Numer części 700-102BAA-B00
Szczegółowy opis  Temperature Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HONEYWELL [Honeywell Solid State Electronics Center]
Strona internetowa  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

700-102BAA-B00 Arkusz danych(HTML) 1 Page - Honeywell Solid State Electronics Center

  700-102BAA-B00 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 700-102BAA-B00 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 700-102BAA-B00 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 700-102BAA-B00 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
The 700 Series Platinum RTD (Resistance Temperature
Detector) is an economical, miniature temperature sensor. The
series is available in two different package configurations,
leaded and SMT (Surface Mount Technology). Two sizes are
available for each configuration, with the SMT available in
industry standard 0805 and 1206 packages.
The 700 Series has 100
and 1000
base resistances and is
available in both the 3750 ppm/K and 3850 ppm/K temperature
coefficients (375 and 385 alphas). The tolerances of the 700
Series meet DIN class A, DIN class B and DIN class 2B
industry-standards.
The 700 Series is RoHS (Restriction of Hazardous
Substances) compliant (EU Directive 2002/95/EC).
FEATURES
Linear resistance vs temperature
High accuracy
Interchangeable
Excellent stability
Fast time response
Wide temperature range
RoHS compliant
POTENTIAL APPLICATIONS
HVAC (Heating Ventilation and Air Conditioning)
Electronic assemblies
Process control
Appliances
Automotive
Instrumentation


Podobny numer części - 700-102BAA-B00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
700-1 MICROSEMI-700-1 Datasheet
82Kb / 2P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
logo
List of Unclassifed Man...
700-16-16 ETC2-700-16-16 Datasheet
388Kb / 5P
   Digital Codes Available: Incremental: A/B or Quadrature Absolute: Binary or Gray
More results

Podobny opis - 700-102BAA-B00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com