Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMB2227A Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FMB2227A
Szczegółowy opis  NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB2227A Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FMB2227A Datasheet HTML 1Page - Fairchild Semiconductor FMB2227A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
1.3
Ic = 150mA, Ib=15mA
Base-Emitter Saturation Voltage
VBE(sat)
V
0.4
1.4
Ic = 150mA, Ib=15mA
Ic = 300mA, Ib=30mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
50
75
100
30
Vce = 10V, Ic = 1.0mA
Vce = 10V, Ic =
10mA
Vce = 10V, Ic = 150mA
Vce = 10V, Ic = 300mA
DC Current Gain
hFE
nA
30
Veb = 3.0V
Emitter Cutoff Current
IEBO
nA
30
Vcb = 50V
Collector Cutoff Current
ICBO
Units
Max
Min
Test Conditions
Parameter
Symbol
NPN & PNP Complementary Dual Transistor
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
Small - Signal Characteristics
Typical
MHz
250
Vce = 20V, Ic = 50mA, f = 100MHz
Current Gain - Bandwidth Product
fT
pF
20
Veb = 0.5V, f = 100kHz
Input Capacitance
CIB
pF
6
Vcb = 10V, f = 1.0MHz
Output Capacitance
COB
Page 2 of 2
© 1998 Fairchild Semiconductor Corporation
2227A.lwpPr19&63(Y1)


Podobny numer części - FMB2227A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FMB2227A FAIRCHILD-FMB2227A Datasheet
43Kb / 3P
   NPN & PNP General Purpose Amplifier
logo
ON Semiconductor
FMB2227A ONSEMI-FMB2227A Datasheet
316Kb / 6P
   NPN & PNP General-Purpose Amplifier
November-2017, Rev. 2 1
More results

Podobny opis - FMB2227A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FMB1020 FAIRCHILD-FMB1020 Datasheet
29Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMB3946 FAIRCHILD-FMB3946 Datasheet
30Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
FMBA0656 FAIRCHILD-FMBA0656 Datasheet
28Kb / 2P
   NPN & PNP Complementary Dual Transistor SuperSOT- 6 Surface Mount Package
FMB5551 FAIRCHILD-FMB5551_04 Datasheet
72Kb / 3P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
FMB5551 FAIRCHILD-FMB5551 Datasheet
29Kb / 2P
   NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ Datasheet
266Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
DST3946DPJ DIODES-DST3946DPJ Datasheet
200Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DS32040 Rev. 1 - 2
DC0150ADJ DIODES-DC0150ADJ_15 Datasheet
114Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DST3946DPJ DIODES-DST3946DPJ_15 Datasheet
201Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N4854U TTELEC-2N4854U Datasheet
498Kb / 4P
   Surface Mount NPN/ PNP Complementary Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com