Zakładka z wyszukiwarką danych komponentów |
|
SM15T18AY Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
SM15T18AY Arkusz danych(HTML) 2 Page - STMicroelectronics |
2 / 12 page Characteristics SM15TY 2/12 Doc ID 17865 Rev 3 1 Characteristics Figure 1. Electrical characteristics - definitions Figure 2. Pulse definition for electrical characteristics Table 1. Absolute maximum ratings (Tamb = 25 °C) Symbol Parameter Value Unit VPP Peak pulse voltage ISO 10605 (C = 330 pF, R = 330 Ω): Contact discharge Air discharge ISO 10605 (C = 150 pF, R = 330 Ω): Contact discharge Air discharge 30 30 30 30 kV PPP Peak pulse power dissipation(1) Tj initial = Tamb 1500 W Tstg Storage temperature range -65 to + 150 °C Tj Operating junction temperature range -40 to + 150 °C TL Maximum lead temperature for soldering during 10 s. 260 °C 1. For a surge greater than the maximum values, the diode will fail in short-circuit. V CLVBR VRM I RM I R I PP V I I RM I R I PP V RMVBR VCL V CLVBR VRM I RM I R I PP V I I RM I R I PP V RMVBR VCL V CL VBR VRM I RM I R I PP V I I F V F V CL VBR VRM I RM I R I PP V I I F V F Unidirectional Bidirectional Symbol Parameter V Stand-off voltage V Breakdown voltage V Clamping voltage I Leakage current @ V I Peak pulse current T Voltage temperature coefficient V Forward voltage drop R Dynamic resistance RM BR CL RM RM PP F D α 100 50 0 Pulse waveform tr = rise time (µs) tp = pulse duration time (µs) t %IPP tp tr |
Podobny numer części - SM15T18AY |
|
Podobny opis - SM15T18AY |