Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA-160 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części CA-160
Szczegółowy opis  Aluminium enclosures CA series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CA-160 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CA-160 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-160 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-160 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-160 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-160 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-160 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA-160 Datasheet HTML 11Page - List of Unclassifed Manufacturers CA-160 Datasheet HTML 12Page - List of Unclassifed Manufacturers CA-160 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
306
250 x 80 x 57 mm
CA-190
Aluminium enclosure
Type
Weight
(g)
External dimensions
(mm)
Complete enclosures
Coated, with gasket and lid screws
Coated, with gasket and hex. socket head screws
Coated, with silicone gasket and lid screws
Coated, with HF gasket and lid screws
Saltwater-proof coating, with gasket and lid screws
Saltwater-proof coating, passivated, lid screws with gasket
Unwashed, unpainted, no accessories
Accessories (separate or as a mounting set)
Mounting plate
TS 15 mounting rail
TS 32 mounting rail
TS 35 mounting rail
Grounding rail
External attachment brackets
External hinges side
Internal hinges with lid guiding**
Silicone gasket for wider temperature range (piece goods)
Max. Pg threads
122 x 122 x 80 mm
CA-210
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-190
710
250 x 80 x 57
Part number
119.0.0000.00
l
119.0.0480.00
119.0.0080.00
119.0.0100.00
119.0.0060.00
119.0.0260.00
982.3.0210.00
l
982.0.0190.00
l
980.1.0440.00
l
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
22
9750000
Side C/D
32100000
** mechanical enclosure machining required
l = kept in stock
CA-210
940
122 x 122 x 80
Part number
121.0.0000.00
l
121.0.0010.00
121.0.0150.00
121.0.0080.00
121.0.0100.00
121.0.0060.00
121.0.0160.00
951.1.1500.00
l
982.1.0000.00
l
982.2.0010.00
981.0.0020.00
982.4.0240.00
l
980.1.0470.00
l
980.1.0310.00
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
12
6422000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE


Podobny numer części - CA-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CW Industries
CA-16-9101 CWIND-CA-16-9101 Datasheet
265Kb / 4P
   DIP Connectors
CA-16-9102 CWIND-CA-16-9102 Datasheet
265Kb / 4P
   DIP Connectors
CA-16-9103 CWIND-CA-16-9103 Datasheet
265Kb / 4P
   DIP Connectors
CA-16-9104 CWIND-CA-16-9104 Datasheet
265Kb / 4P
   DIP Connectors
CA-16-9105 CWIND-CA-16-9105 Datasheet
265Kb / 4P
   DIP Connectors
More results

Podobny opis - CA-160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com