Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2575-ATA5R Arkusz danych(PDF) 8 Page - First Components International

Numer części LM2575-ATA5R
Szczegółowy opis  1.0A Step - Down Voltage Switching Regulators 1A output current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575-ATA5R Arkusz danych(HTML) 8 Page - First Components International

Back Button LM2575-ATA5R Datasheet HTML 2Page - First Components International LM2575-ATA5R Datasheet HTML 3Page - First Components International LM2575-ATA5R Datasheet HTML 4Page - First Components International LM2575-ATA5R Datasheet HTML 5Page - First Components International LM2575-ATA5R Datasheet HTML 6Page - First Components International LM2575-ATA5R Datasheet HTML 7Page - First Components International LM2575-ATA5R Datasheet HTML 8Page - First Components International LM2575-ATA5R Datasheet HTML 9Page - First Components International LM2575-ATA5R Datasheet HTML 10Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Typical Performance Characteristics
0
10 20 30 40 50 60 70 80 90 100
q
= 32
JA
°C/ W
AMBIENT TEMPERATURE (°C)
Figure 5. Maximum Power Dissipation(TO-263)
4
3
2
1
0
q
= 37
JA
°C/ W
q
= 50
JA
°C/ W
q
= 73
JA
°C/ W
20
18
16
14
12
10
8
6
4
0
10
20
30
40
50
60
INPUT VOLTAGE (V)
Figure 4. Quiescent Current
V
= 5V
OUT
Measured at
Ground Pin
T = 25°C
J
I
= 1A
LOAD
I
= 200mA
LOAD
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE (°C)
Figure 6. Minimum Operating Voltage
V
= 1.23V
OUT
I
= 120 mA
LOAD
8
7
6
5
4
3
2
1
0
0
5
10
15
20
25
ON / OFF PIN VOLTAGE (V)
Figure 7. ON / OFF Pin Current (Sinking)
V
= 40V
IN
-40°C
T
125
J
°C
Adjustable Version Only
LM2575 1.0A Step - Down Voltage Switching Regulators


Podobny numer części - LM2575-ATA5R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
LM2575-ADJ MOTOROLA-LM2575-ADJ Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
More results

Podobny opis - LM2575-ATA5R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com